Electronic Components Datasheet Search
  English  ▼

X  

TS19340CS14 Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TS19340CS14
Description  Secondary-Side Constant Current and Constant Voltage Controller with PWM / Linear Dimming
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19340CS14 Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS19340CS14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TS19340CS14
Taiwan Semiconductor
7
Version: B1705
APPLICATION INFORMATION (CONTINUE)
Pin Detail
Pin 5: PWM
The pin is for PWM dimming function control. The pin should be connected to internal 5V reference voltage when
using linear dimming function. Recommend operation frequency range from 100Hz to 10kHz.
The LED current vs. PWM duty ratio is shown as a formula following:
)
(
_
_
A
R
0.2
Ratio
Duty
PWM
I
S
LED(PWM)
×
=
Pin 6 : N/C
No connection.
Pin 7: GND
GND is the reference node of internal circuit.
Pin 8: COM
The COM pin is for PWM pulse filter. The PWM duty ratio will be converted to 3.2V (Duty=100%) ~ 0V (Duty=0%).
A suitable capacitor should be connected between the COM and ground.
Pin 9: SWO
The pin is an open drain output of the comparator for LED current cut-off function. The SWO pin will be pulled low
when the LED current is cut-off.
Pin 10: N/C
No connection.
Pin 11: PHO
The PHO pin is for transferring secondary-side voltage/current signal for the primary-side controller. It is an open
drain output of the two internal OP-AMPs for an external photo coupler. A capacitor and a resistor in series should
be connected between PHO and FB for constant voltage control, and a capacitor and a resistor in series should be
connected between PHO and VSEN for constant current control.
Pin 12: VSEN
The VSEN pin is for LED constant current control. The VSEN reference voltage will be adjusted by the
PWM/CCH/CCL setting. The illustration is shown in Figure 5 and Figure 6.
The maximum LED Current is in the formula as follows:
)
( A
R
0.2
I
S
LED(max)
=
Pin 13: FB
The FB pin is for LED constant voltage control. The FB reference voltage will be 2.53V when the LED current is not
cut-off, and it will be 1.21V when the LED current is cut-off
Pin 14: VCC
Power supply for the controller during normal operation. The controller will start up when VCC reaches 12V (typical)
and will shut-down when VCC voltage is below 7.6V (typical). A decoupling capacitor should be connected between
the VCC and GND pin as close as possible.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com