Electronic Components Datasheet Search
  English  ▼

X  

DS1387 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1387
Description  RAMified Real Time Clock 4K x 8
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1387 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1387 Datasheet HTML 7Page - Dallas Semiconductor DS1387 Datasheet HTML 8Page - Dallas Semiconductor DS1387 Datasheet HTML 9Page - Dallas Semiconductor DS1387 Datasheet HTML 10Page - Dallas Semiconductor DS1387 Datasheet HTML 11Page - Dallas Semiconductor DS1387 Datasheet HTML 12Page - Dallas Semiconductor DS1387 Datasheet HTML 13Page - Dallas Semiconductor DS1387 Datasheet HTML 14Page - Dallas Semiconductor DS1387 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DS1385/DS1387
012496 11/20
ABSOLUTE MAXIMUM RATINGS*
Voltage on any Pin Relative to Ground
–0.3V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
DS1387: –40
°C to +70°C
DS1385: –55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Power Supply Voltage
VCC
4.5
5.0
5.5
V
1
Input Logic 1
VIH
2.2
VCC+0.3
V
1
Input Logic 0
VIL
–0.3
+0.8
V
1
Battery Voltage
VBAT
2.5
3.7
V
9
DC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Power Supply Current
ICC1
35
50
mA
2
Standby Current CS, OER and
WER = VCC –0.3 volt
ICC2
1
5.0
mA
6
Input Leakage
IIL
–1.0
+1.0
µA
3
I/O Leakage
ILO
–1.0
+1.0
µA
3
Output @ 2.4 volts
IOH
–1.0
mA
1, 4
Output @ 0.4 volts
IOL
2.0
mA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com