Electronic Components Datasheet Search
  English  ▼

X  

DS1387 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS1387
Description  RAMified Real Time Clock 4K x 8
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1387 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS1387 Datasheet HTML 12Page - Dallas Semiconductor DS1387 Datasheet HTML 13Page - Dallas Semiconductor DS1387 Datasheet HTML 14Page - Dallas Semiconductor DS1387 Datasheet HTML 15Page - Dallas Semiconductor DS1387 Datasheet HTML 16Page - Dallas Semiconductor DS1387 Datasheet HTML 17Page - Dallas Semiconductor DS1387 Datasheet HTML 18Page - Dallas Semiconductor DS1387 Datasheet HTML 19Page - Dallas Semiconductor DS1387 Datasheet HTML 20Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
DS1385/DS1387
012496 16/20
POWER–DOWN CONDITION
VIH
tPF
tF
tDR
tFB
VBAT
4.5V
4.25V
4.0V
POWER FAIL
CE
VCC
POWER–UP POWER–DOWN TIMING
(tA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CE High to Power Fail
tPF
0
ns
Recovery at Power Up
tREC
150
ms
VCC Slew Rate Power Down
tF
4.0 <VCC < 4.5V
300
µs
VCC Slew Rate Power Down
tFB
3.0 <VCC< 4.0V
10
µs
VCC Slew Rate Power Up
tR
4.5V>VCC>4.0V
0
µs
Expected Data Retention
tDR
10
years
8
WARNING:
Under no circumstances are negative undershoots, of any amplitude, allowed when device is in battery back–up
mode.
CAPACITANCE
(tA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
12
pF
Output Capacitance
COUT
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com