Electronic Components Datasheet Search
  English  ▼

X  

ADS-933MM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ADS-933MM
Description  16-Bit, 3MHz Sampling A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-933MM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ADS-933MM Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ADS-933
®
®
2
PARAMETERS
MIN.
TYP.
MAX.
UNITS
Operating Temp. Range, Case
ADS-933MC
0
—
+70
°C
ADS-933MM
–55
—
+125
°C
Thermal Impedance
θjc
—
4
—
°C/Watt
θca
—
18
—
°C/Watt
Storage Temperature Range
–65
—
+150
°C
Package Type
40-pin, metal-sealed, ceramic TDIP
Weight
0.56 ounces (16 grams)
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
LIMITS
UNITS
+5V Supply (Pins 31, 38)
0 to +6
Volts
–5V Supply (Pin 37)
0 to –6
Volts
Digital Inputs (Pins 8, 9, 12, 34, 35) –0.3 to +VDD +0.3
Volts
Analog Input (Pin 3)
±5
Volts
Lead Temperature (10 seconds)
+300
°C
PHYSICAL/ENVIRONMENTAL
FUNCTIONAL SPECIFICATIONS
(TA = +25°C, ±VCC = ±5V, +VDD = +5V, 3MHz sampling rate, and a minimum 3 minute warm-up Œ unless otherwise specified.)
+25°C
0 to +70°C
–55 to +125°C
ANALOG INPUT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
Input Voltage Range
Unipolar
—
0 to –5.5
—
—
0 to –5.5
—
—
0 to –5.5
—
Volts
Bipolar
—
±2.75
—
—
±2.75
—
—
±2.75
—
Volts
Input Resistance Pin 3
655
687
—
655
687
—
655
687
—
Ω
Input ResistancePin 2
418
426
—
418
426
—
418
426
—
Ω
Input Capacitance
—
10
15
—
10
15
—
10
15
pF
DIGITAL INPUTS
Logic Levels
Logic "1"
+2.0
—
—
+2.0
—
—
+2.0
—
—
Volts
Logic "0"
—
—
+0.8
—
—
+0.8
—
—
+0.8
Volts
Logic Loading "1"
—
—
+20
—
—
+20
—
—
+20
µA
Logic Loading "0" 
—
—
–20
—
—
–20
—
—
–20
µA
Start Convert Positive Pulse Width Ž
20
50
—
20
50
—
20
50
—
ns
STATIC PERFORMANCE
Resolution
—
16
—
—
16
—
—
16
—
Bits
Integral Nonlinearity (fin = 10kHz)
—
±1
—
—
±1.5
—
—
±2
—
LSB
Differential Nonlinearity (fin = 10kHz)
–0.95
±0.5
+1.0
–0.95
±0.5
+1.0
–0.95
±0.5
+1.5
LSB
Full Scale Absolute Accuracy
—
±0.15
±0.3
—
±0.3
±0.5
—
±0.5
±0.8
%FSR
Bipolar Zero Error (Tech Note 2)
—
±0.1
±0.2
—
±0.2
±0.4
—
±0.4
±0.6
%FSR
(Unipolar offset spec same as Bipolar zero)
Bipolar Offset Error (Tech Note 2)
—
±0.1
±0.2
—
±0.2
±0.4
—
±0.4
±0.6
%FSR
Gain Error (Tech Note 2)
—
±0.15
±0.3
—
±0.3
±0.5
—
±0.5
±0.8
%
No Missing Codes (fin = 10kHz)
16
—
—
16
—
—
16
—
—
Bits
DYNAMIC PERFORMANCE
Peak Harmonics (–0.5dB)
dc to 500kHz
—
—
81
—
–86
—
—
–86
—
dB
500kHz to 1MHz
—
–84
80
—
–84
—
—
–84
—
dB
Total Harmonic Distortion (–0.5dB)
dc to 500kHz
—
–84
80
—
–84
—
—
–84
—
dB
500kHz to 1MHz
—
–83
80
—
–83
—
—
–83
—
dB
Signal-to-Noise Ratio
(w/o distortion, –0.5dB)
dc to 500kHz
81
85
—
—
85
—
—
85
—
dB
500kHz to 1MHz
81
85
—
—
85
—
—
85
—
dB
Signal-to-Noise Ratio 
(& distortion, –0.5dB)
dc to 500kHz
78
82
—
—
82
—
—
82
—
dB
500kHz to 1MHz
78
81
—
—
81
—
—
81
—
dB
Noise
—
80
—
—
80
—
—
80
—
µVrms
Two-Tone Intermodulation
Distortion (fin = 200kHz,
240kHz, fs = 3MHz, –0.5dB)
—
–87
—
—
–87
—
—
–87
—
dB
Input Bandwidth (–3dB)
Small Signal (–20dB input)
—
9.8
—
—
9.8
—
—
9.8
—
MHz
Large Signal (–0.5dB input)
—
10.2
—
—
10.2
—
—
10.2
—
MHz
Feedthrough Rejection
(fin = 1MHz)
—
90
—
—
90
—
—
90
—
dB
Slew Rate
—
±120
—
—
±120
—
—
±120
—
V/µs
Aperture Delay Time
—
+8
—
—
+8
—
—
+8
—
ns
Aperture Uncertainty
—
3
—
—
3
—
—
3
—
psrms
S/H Acquisition Time
( to ±0.001%FSR, 5.5V step)
—
180
—
—
180
—
—
180
—
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com