Electronic Components Datasheet Search
  English  ▼

X  

ADS-933MM Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ADS-933MM
Description  16-Bit, 3MHz Sampling A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-933MM Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  ADS-933MM Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADS-933
®
®
®
®
INNOV A TION and EX CELLENCE
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions
contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL,
Inc. trademark.
DS-0367P
05/97
MECHANICAL DIMENSIONS INCHES (mm)
ORDERING INFORMATION
OPERATING
ANALOG
MODEL
TEMP. RANGE
INPUT
ADS-933MC
0 to +70°C
Bipolar (±2.75V)
ADS-933MM
–55 to +125°C
Bipolar (±2.75V)
Receptacles for PC board mounting can be ordered through AMP, Inc., Part # 3-331272-8 (Component Lead
Socket), 40 required. For MIL-STD-883 product, or surface mount packaging, contact DATEL.
ACCESSORIES
ADS-B933
Evaluation Board (without ADS-933)
HS-40
Heat Sink for all ADS-933 models
PIN 1 INDEX
(
ON TOP)
2.12/2.07
(53.85/52.58)
0.018 ±0.002
(0.457)
0.100 TYP.
(2.540)
0.110/0.090
(2.794/2.286)
SEATING
PLANE
0.035/0.015
(0.889/0.381)
0.200/0.175
(5.080/4.445)
0.245 MAX.
(6.223)
0.210 MAX.
(5.334)
0.045/0.035
(1.143/0.889)
1.11/1.08
(28.20/27.43)
1
20
21
40
1.900 ±0.008
(48.260)
Dimension Tolerances (unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
0.015/0.009
(0.381/0.229)
0.900 ±0.010
(22.86)
0.110/0.090
(2.794/2.286
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000
(800) 233-2765
Fax: (508) 339-6356
Internet: www.datel.com
E-mail: sales@datel.com
Data sheet fax back: (508) 261-2857
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 01-34-60-01-01
DATEL GmbH München, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025
ISO 9001
ISO 9001
REGISTERED



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com