Electronic Components Datasheet Search
  English  ▼

X  

ADS-933MM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ADS-933MM
Description  16-Bit, 3MHz Sampling A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-933MM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ADS-933MM Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PIN
FUNCTION
PIN
FUNCTION
1
+3.2V REF. OUT
40
NO CONNECTION
2
UNIPOLAR
39
NO CONNECTION
3
ANALOG INPUT
38
+5V ANALOG SUPPLY
4
ANALOG GROUND
37
–5V SUPPLY
5
OFFSET ADJUST
36
ANALOG GROUND
6
GAIN ADJUST
35
COMP. BITS
7
DIGITAL GROUND
34
OUTPUT ENABLE
8
FIFO/DIR
33
OVERFLOW
9
FIFO READ
32
EOC
10
FSTAT1
31
+5V DIGITAL SUPPLY
11
FSTAT2
30
DIGITAL GROUND
12
START CONVERT
29
BIT 1 (MSB)
13
BIT 16 (LSB)
28
BIT 1 (MSB)
14
BIT 15
27
BIT 2
15
BIT 14
26
BIT 3
16
BIT 13
25
BIT 4
17
BIT 12
24
BIT 5
18
BIT 11
23
BIT 6
19
BIT 10
22
BIT 7
20
BIT 9
21
BIT 8
FEATURES
• 16-bit resolution
• 3MHz sampling rate
• Functionally complete
• No missing codes over full military temperature range
• Edge-triggered
• ±5V supplies, 1.85 Watts
• Small, 40-pin, ceramic TDIP
• 85dB SNR, –84dB THD
• Ideal for both time and frequency-domain applications
16-Bit, 3MHz
Sampling A/D Converters
®
®
INNOV A TION and EX CELLENCE
GENERAL DESCRIPTION
The low-cost ADS-933 is a 16-bit, 3MHz sampling A/D
converter. This device accurately samples full-scale input
signals up to Nyquist frequencies with no missing codes. The
dynamic performance of the ADS-933 has been optimized to
achieve a signal-to-noise ratio (SNR) of 85dB and a total
harmonic distortion (THD) of –84dB.
Packaged in a 40-pin TDIP, the functionally complete
ADS-933 contains a fast-settling sample-hold amplifier, a
subranging (two-pass) A/D converter, an internal reference,
timing/control logic, and error-correction circuitry. Digital input
and output levels are TTL. The ADS-933 only requires the
rising edge of the start convert pulse to operate.
Requiring only ±5V supplies, the ADS-933 dissipates 1.85
Watts. The device is offered with a bipolar (±2.75V) analog
input range and a unipolar 0 to –5.5V input range. Models are
available for use in either commercial (0 to +70°C) or military (–
55 to +125°C) operating temperature ranges. A proprietary, auto-
calibrating, error-correcting circuit enables the device to achieve
specified performance over the full military temperature range.
Typical applications include medical imaging, radar, sonar,
communications and instrumentation.
INPUT/OUTPUT CONNECTIONS
ADS-933
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508)339-3000, (800)233-2765 Fax: (508) 339-6356 • E-mail: sales@datel.com • Internet: www.datel.com
Figure 1. ADS-933 Functional Block Diagram
PRELIMINARY PRODUCT DATA
29 BIT 1 (MSB)
28 BIT 1 (MSB)
27 BIT 2
26 BIT 3
25 BIT 4
24 BIT 5
23 BIT 6
22 BIT 7
21 BIT 8
20 BIT 9
19 BIT 10
18 BIT 11
17 BIT 12
16 BIT 13
15 BIT 14
14 BIT 15
13 BIT 16 (LSB)
TIMING AND
CONTROL LOGIC
GAIN ADJUST 6
+3.2V REF. OUT 1
OFFSET ADJUST 5
EOC 32
+5V ANALOG SUPPLY
38
+5V DIGITAL SUPPLY
31
–5V SUPPLY
37
ANALOG GROUND
4, 36
DIGITAL GROUND
7, 30
NO CONNECTION
39, 40
POWER AND GROUNDING
S/H
GAIN
ADJUST
CKT.
OFFSET
ADJUST
CKT.
PRECISION
+3.2V REFERENCE
ANALOG INPUT 3
START CONVERT 12
COMP. BITS 35
10 FSTAT1
11 FSTAT2
8 FIFO/DIR
9 FIFO/READ
34 OUTPUT ENABLE
33 OVERFLOW
UNIPOLAR 2
OFFSET ADJUST 5


Similar Part No. - ADS-933MM

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-933MM MURATA-PS-ADS-933MM Datasheet
134Kb / 8P
16-Bit, 3MHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-933MM DATEL-ADS-933MM Datasheet
105Kb / 1P
Sampling A/D Converters
ADS-933MM-C DATEL-ADS-933MM-C Datasheet
106Kb / 1P
Sampling A/D Converters
More results

Similar Description - ADS-933MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-943 ETC-ADS-943 Datasheet
166Kb / 8P
14-Bit, 3MHz, Low-Distortion Sampling A/D Converters
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
16-Bit, 500kHz Sampling A/D Converters
ADS-932 ETC1-ADS-932 Datasheet
173Kb / 10P
16-Bit, 2MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
16-Bit, 500kHz Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
16-Bit, 1MHz Sampling A/D Converters
ADS-932 MURATA-PS-ADS-932 Datasheet
166Kb / 11P
16-Bit, 2MHz Sampling A/D Converters
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
16-Bit, 3MHz Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
16-Bit, 5MHz Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
16-Bit, 10MHz Sampling A/D Converters
ADS-943 MURATA-PS-ADS-943 Datasheet
168Kb / 8P
14-Bit, 3MHz, Low-Distortion Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com