Electronic Components Datasheet Search
  English  ▼

X  

ADS-933MM Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ADS-933MM
Description  16-Bit, 3MHz Sampling A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-933MM Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  ADS-933MM Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADS-933
®
®
6
THERMAL REQUIREMENTS
All DATEL sampling A/D converters are fully characterized
and specified over operating temperature (case) ranges of 0
to +70°C and –55 to +125°C. All room-temperature (TA =
+25°C) production testing is performed without the use of heat
sinks or forced-air cooling. Thermal impedance figures for
each device are listed in their respective specification tables.
These devices do not normally require heat sinks, however,
standard precautionary design and layout procedures should
be used to ensure devices do not overheat. The ground and
power planes beneath the package, as well as all pcb signal
runs to and from the device, should be as heavy as possible
to help conduct heat away from the package. Electrically
insulating, thermally-conductive "pads" may be installed
underneath the package. Devices should be soldered to
boards rather than "socketed", and of course, minimal air flow
over the surface can greatly help reduce the package
temperature.
In more severe ambient conditions, the package/junction
temperature of a given device can be reduced dramatically
(typically 35%) by using one of DATEL's HS Series heat sinks.
See Ordering Information for the assigned part number. See
page 1-183 of the DATEL Data Acquisition Components
Catalog for more information on the HS Series. Request
DATEL Application Note AN-8, "Heat Sinks for DIP Data
Converters," or contact DATEL directly, for additional
information.
Figure 3. ADS-933 Timing Diagram
This device has three pipeline delays. Four start convert pulses (clock cycles) must be applied for valid data
from the first conversion to appear at the output of the A/D.
START
CONVERT
INTERNAL S/H
N
N+1
EOC
53ns typ.
OUTPUT
DATA
Data N-4 Valid
Data N-1 Valid
Invalid
Data
Data N-2 Valid
20ns typ.
Data N Valid
265ns typ.
68ns typ.
Notes:
N+5
Conversion Time
The start convert positive pulse width must be between either 20 and 60nsec or 200 and 310nsec
(when sampling at 3MHz) to ensure proper operation. For sampling rates lower than 3MHz, the start pulse
can be wider than 310nsec, however a minimum pulse width low of 20nsec should be maintained. A 3MHz
clock with a 50nsec positive pulse width is used for all production testing.
Scale is approximately 50ns per division. fs = 3MHz.
1.
2.
3.
N+2
N+3
N+4
161ns typ.
Data N-3 Valid
178ns typ.
Acquisition Time
170ns typ.
50ns typ.
20ns typ.
Hold



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com