Electronic Components Datasheet Search
  English  ▼

X  

ADS-933MM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ADS-933MM
Description  16-Bit, 3MHz Sampling A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-933MM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ADS-933MM Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS-933MM Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADS-933
®
®
4
DELAY
PIN
TRANSITION
MIN.
TYP.
MAX.
UNITS
Direct mode to FIFO enabled
8
–
10
20
ns
FIFO enabled to direct mode
8
–
10
20
ns
FIFO READ to output data valid
9
–
–
40
ns
FIFO READ to status update when changing
from <half full (1 word) to empty
9
–
–
20
ns
FIFO READ to status update when changing
from
≥half full (8 words) to <half full (7 words)
9
–
–
110
ns
FIFO READ to status update when changing
from full (16 words) to
≥half full (15 words)
9
–
–
190
ns
Falling edge of EOC to status update when writing
first word into empty FIFO
32
–
–
190
ns
Falling edge of EOC to status update when
changing FIFO from <half full (7 words) to
32
–
–
110
ns
≥half full (8 words)
Falling edge of EOC to status update when filling
FIFO with 16th word
32
–
–
28
ns
INTERNAL FIFO OPERATION
The ADS-933 contains an internal, user-initiated, 18-bit, 16-
word FIFO memory. Each word in the FIFO contains the 16
data bits as well as the MSB and overflow bits. Pins 8 (FIFO/
DIR) and 9 (FIFO READ) control the FIFO's operation. The
FIFO's status can be monitored by reading pins 10 (FSTAT1)
and 11 (FSTAT2).
When pin 8 (FIFO/DIR) has a logic "1" applied, the FIFO is
inserted into the digital data path. When pin 8 has a logic
"0" applied, the FIFO is transparent and the output data goes
directly to the output three-state register (whose operation is
controlled by pin 34 (ENABLE)). Read and write commands
to the FIFO are ignored when the ADS-933 is operated in
the "direct" mode. It takes a maximum of 20ns to switch the
FIFO in or out of the ADS-933’s digital data path.
FIFO Write and Read Modes
Once the FIFO has been enabled (pin 8 high), digital data is
automatically written to it, regardless of the status of FIFO
READ (pin 9). Assuming the FIFO is initially empty, it will
accept data (18-bit words) from the next 16 consecutive A/D
conversions. As a precaution, pin 9 (which controls the
FIFO's READ function) should not be low when data is first
written to an empty FIFO.
When the FIFO is initially empty, digital data from the first
conversion (the "oldest" data) appears at the output of the
FIFO immediately after the first conversion has been completed
and remains there until the FIFO is read.
If the output three-state register has been enabled (logic "0"
applied to pin 34), data from the first conversion will appear at
the output of the ADS-933. Attempting to write a 17th word to a
full FIFO will result in that data, and any subsequent
conversion data, being lost.
Once the FIFO is full (indicated by FSTAT1 and FSTAT2 both
equal to "1"), it can be read by dropping the FIFO READ line
(pin 9) to a logic "0" and then applying a series of 15 rising
edges to the read line. Since the first data word is already
present at the FIFO output, the first read command (the first
rising edge applied to FIFO READ) will bring data from the
second conversion to the output. Each subsequent read
command/rising edge brings the next word to the output lines.
After the 15th rising edge brings the 16th data word to the FIFO
output, the subsequent falling edge on READ will update the
status outputs (after a 20ns maximum delay) to FSTAT1 = 0,
FSTAT2 = 1 indicating that the FIFO is empty.
If a read command is issued after the FIFO empties, the last
word (the 16th conversion) will remain present at the outputs.
FIFO Reset Feature
At any time, the FIFO can be reset to an empty state by putting
the ADS-933 into its "direct" mode (logic "0" applied to pin 8,
FIFO/DIR) and also applying a logic "0" to the FIFO READ line
(pin 9). The empty status of the FIFO will be indicated by
FSTAT1 going to a "0" and FSTAT2 going to a "1". The status
outputs change 40ns after applying the control signals.
FIFO Status, FSTAT1 and FSTAT2
Monitor the status of the data in the FIFO by reading the two
status pins, FSTAT1 (pin 10) and FSTAT2 (pin 11).
CONTENTS
FSTAT1
FSTAT2
Empty (0 words)
0
1
<half full (<8 words)
0
0
half-full or more (
≥8 words)
1
0
Full (16 words)
1
1
Table 1. FIFO Delays
1
0
0
1
1
0
0
1
0
1
0
1
0
1
1
0
1
0
5. Applying a start convert pulse while a conversion is in
progress (EOC = logic "1") will initiate a new and probably
inaccurate conversion cycle. Data from both the inter-
rupted and subsequent conversions will be invalid.
6. Do not enable/disable or complement the output bits or
read from the FIFO during the conversion process (from the
rising edge of EOC to the falling edge of EOC).
7. The OVERFLOW bit (pin 33) switches from 0 to 1 when the
input voltage exceeds that which produces an output of all
1’s or when the input equals or exceeds the voltage that
produces all 0’s. When COMP BITS is activated, the above
conditions are reversed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com