Electronic Components Datasheet Search
  English  ▼

X  

LP873220 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP873220
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP873220 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP873220 Datasheet HTML 12Page - Texas Instruments LP873220 Datasheet HTML 13Page - Texas Instruments LP873220 Datasheet HTML 14Page - Texas Instruments LP873220 Datasheet HTML 15Page - Texas Instruments LP873220 Datasheet HTML 16Page - Texas Instruments LP873220 Datasheet HTML 17Page - Texas Instruments LP873220 Datasheet HTML 18Page - Texas Instruments LP873220 Datasheet HTML 19Page - Texas Instruments LP873220 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
FB
+
-
+
-
POWER
GOOD
LOOP
COMP
RAMP
GENERATOR
HS FET
CURRENT
SENSE
LS FET
CURRENT
SENSE
GATE
CONTROL
IADC
VDAC
ERROR
AMP
GND
NEG
CURRENT
LIMIT
ZERO
CROSS
DETECT
SW
POS
CURRENT
LIMIT
VIN
VOUT
CONTROL
BLOCK
PROGRAMMABLE
PARAMETERS
SLAVE
INTERFACE
VOLTAGE
SETTING
SLEW RATE
CONTROL
MASTER
INTERFACE
Copyright © 2016, Texas Instruments Incorporated
16
LP873220
SNVSAU7 – NOVEMBER 2017
www.ti.com
Product Folder Links: LP873220
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
•
Average output current sensing (for PFM entry and load current measurement)
The following parameters can be programmed via registers, the default values are set by OTP bits:
•
Output voltage
•
Forced PWM operation
•
Switch current limit
•
Output voltage slew rate
•
Enable and disable delays
There are two modes of operation for the buck converter, depending on the output current required: pulse-width
modulation (PWM) and pulse-frequency modulation (PFM). The converter operates in PWM mode at high load
currents of approximately 600 mA or higher. Lighter output current loads cause the converter to automatically
switch into PFM mode for reduced current consumption when forced PWM mode is disabled. The forced PWM
mode can be selected to maintain fixed switching frequency at all load current levels.
A block diagram of a single core is shown in Figure 6.
Figure 6. Detailed Block Diagram Showing One Core
7.3.1.2 Transition Between PWM and PFM Modes
PWM mode operation optimizes efficiency at mid to full load at the expense of light-load efficiency. The
LP873220 converter operates in PWM mode at load current of about 600 mA or higher. At lighter load current
levels the device automatically switches into PFM mode for reduced current consumption when forced PWM
mode is disabled (AUTO mode operation). By combining the PFM and the PWM modes a high efficiency is
achieved over a wide output-load current range.
7.3.1.3 Buck Converter Load Current Measurement
Buck load current can be monitored via I2C registers. The monitored buck converter is selected with the
LOAD_CURRENT_BUCK_SELECT bit in SEL_I_LOAD register. A write to this selection register starts a current
measurement sequence. The regulator is automatically forced to PWM mode for the measurement period. The
measurement sequence is 50 µs long, maximum.
LP873220 can be configured to give out an interrupt (I_MEAS_INT bit in INT_TOP_1 register) after the load
current measurement sequence is finished. Load current measurement interrupt can be masked with
I_MEAS_MASK bit (TOP_MASK_1 register). The measurement result can be read from registers I_LOAD_1 and
I_LOAD_2. Register I_LOAD_1 bits BUCK_LOAD_CURRENT[7:0] give out the LSB bits and register I_LOAD_2
bit BUCK_LOAD_CURRENT[8] the MSB bit. The measurement result BUCK_LOAD_CURRENT[8:0] LSB is 20
mA, and maximum code value of the measurement corresponds to 10.22 A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com