Electronic Components Datasheet Search
  English  ▼

X  

LP873220 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP873220
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP873220 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP873220 Datasheet HTML 6Page - Texas Instruments LP873220 Datasheet HTML 7Page - Texas Instruments LP873220 Datasheet HTML 8Page - Texas Instruments LP873220 Datasheet HTML 9Page - Texas Instruments LP873220 Datasheet HTML 10Page - Texas Instruments LP873220 Datasheet HTML 11Page - Texas Instruments LP873220 Datasheet HTML 12Page - Texas Instruments LP873220 Datasheet HTML 13Page - Texas Instruments LP873220 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
10
LP873220
SNVSAU7 – NOVEMBER 2017
www.ti.com
Product Folder Links: LP873220
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limits apply over the junction temperature range –40°C
≤ TJ ≤ +140°C, specified VVANA, VVIN_Bx, VVIN_LDOx, VVOUT_Bx, VVOUT_LDOx
and IOUT range, unless otherwise noted. Typical values are at TJ = 25°C, VVANA = VVIN_Bx = VVIN_LDOx = 3.7 V, and VOUT = 1 V,
unless otherwise noted.
(1)(2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Active current
consumption, two buck
regulators enabled in
auto mode, internal RC
oscillator, PGOOD
monitoring enabled
IOUT_Bx = 0 mA, not switching
100
µA
Active current
consumption during
PWM operation, one
buck regulator enabled
IOUT_Bx = 0 mA
15
mA
Active current
consumption during
PWM operation, two
buck regulators enabled
IOUT_Bx = 0 mA
30
mA
LDO regulator enabled
Additional current consumption per LDO,
IOUT_LDOx = 0 mA
86
µA
PLL and clock detector
current consumption
fEXT_CLK = 1 MHz, Additional current
consumption when enabled
2
mA
DIGITAL INPUT SIGNALS EN, SCL, SDA, CLKIN
VIL
Input low level
0.4
V
VIH
Input high level
1.2
VHYS
Hysteresis of Schmitt
Trigger inputs
10
80
200
mV
EN/CLKIN pulldown
resistance
EN_PD/CLKIN_PD = 1
500
kΩ
DIGITAL OUTPUT SIGNALS nINT, SDA
VOL
Output low level
nINT: ISOURCE = 2 mA
0.4
V
SDA: ISOURCE = 20 mA
0.4
V
RP
External pullup resistor
for nINT
To VIO Supply
10
k
Ω
DIGITAL OUTPUT SIGNALS PGOOD, GPO, GPO2
VOL
Output low level
ISOURCE = 2 mA
0.4
V
VOH
Output high level,
configured to push-pull
ISINK = 2 mA
VVANA –
0.4
VVANA
V
VPU
Supply voltage for
external pullup resistor,
configured to open-drain
VVANA
V
RPU
External pullup resistor,
configured to open-drain
10
k
Ω
ALL DIGITAL INPUTS
ILEAK
Input current
All logic inputs over pin voltage range
−1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com