Electronic Components Datasheet Search
  English  ▼

X  

LP873220 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP873220
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP873220 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP873220 Datasheet HTML 5Page - Texas Instruments LP873220 Datasheet HTML 6Page - Texas Instruments LP873220 Datasheet HTML 7Page - Texas Instruments LP873220 Datasheet HTML 8Page - Texas Instruments LP873220 Datasheet HTML 9Page - Texas Instruments LP873220 Datasheet HTML 10Page - Texas Instruments LP873220 Datasheet HTML 11Page - Texas Instruments LP873220 Datasheet HTML 12Page - Texas Instruments LP873220 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
9
LP873220
www.ti.com
SNVSAU7 – NOVEMBER 2017
Product Folder Links: LP873220
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limits apply over the junction temperature range –40°C
≤ TJ ≤ +140°C, specified VVANA, VVIN_Bx, VVIN_LDOx, VVOUT_Bx, VVOUT_LDOx
and IOUT range, unless otherwise noted. Typical values are at TJ = 25°C, VVANA = VVIN_Bx = VVIN_LDOx = 3.7 V, and VOUT = 1 V,
unless otherwise noted.
(1)(2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(6)
The external clock frequency must be selected so that buck switching frequency is above 1.7 MHz.
Gating time for PGOOD
signal after regulator
enable or voltage
change
PGOOD_MODE = 0
800
µs
EXTERNAL CLOCK AND PLL
fEXT_CLK
External input clock(6)
Nominal frequency
1
24
MHz
Nominal frequency step size
1
Required accuracy from nominal frequency
–30%
10%
External clock detection
Delay for missing clock detection
1.8
µs
Delay and debounce for clock detection
20
Clock change delay
(internal to external)
Delay from valid clock detection to use of
external clock
600
µs
PLL output clock jitter
Cycle to cycle
300
ps, p-p
PROTECTION FUNCTIONS
Thermal warning
Temperature rising, TDIE_WARN_LEVEL = 0
115
125
135
°C
Temperature rising, TDIE_WARN_LEVEL = 1
127
137
147
Hysteresis
20
Thermal shutdown
Temperature rising
140
150
160
°C
Hysteresis
20
VANAOVP
VANA overvoltage
Voltage rising
5.6
5.8
6.1
V
Voltage falling
5.45
5.73
5.96
Hysteresis
40
mV
VANAUVLO
VANA undervoltage
lockout
Voltage rising
2.51
2.63
2.75
V
Voltage falling
2.5
2.6
2.7
Buck short-circuit
detection
Threshold
280
360
440
mV
LDO short-circuit
detection
Threshold
190
300
450
mV
LOAD CURRENT MEASUREMENT FOR BUCK REGULATORS
Current measurement
range
Maximum code
10.22
A
Resolution
LSB
20
mA
Measurement accuracy
IOUT > 1 A
<10%
Measurement time
PFM mode (automatically changing to PWM
mode for the measurement)
45
µs
PWM mode
4
CURRENT CONSUMPTION
Standby current
consumption, regulators
disabled
9
µA
Active current
consumption, one buck
regulator enabled in auto
mode, internal RC
oscillator, PGOOD
monitoring enabled
IOUT_Bx = 0 mA, not switching
58
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com