Electronic Components Datasheet Search
  English  ▼

X  

LP873220 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP873220
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP873220 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP873220 Datasheet HTML 2Page - Texas Instruments LP873220 Datasheet HTML 3Page - Texas Instruments LP873220 Datasheet HTML 4Page - Texas Instruments LP873220 Datasheet HTML 5Page - Texas Instruments LP873220 Datasheet HTML 6Page - Texas Instruments LP873220 Datasheet HTML 7Page - Texas Instruments LP873220 Datasheet HTML 8Page - Texas Instruments LP873220 Datasheet HTML 9Page - Texas Instruments LP873220 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
6
LP873220
SNVSAU7 – NOVEMBER 2017
www.ti.com
Product Folder Links: LP873220
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
6.4 Thermal Information
THERMAL METRIC(1)
LP873220
UNIT
RHD (VQFN)
28 PINS
RθJA
Junction-to-ambient thermal resistance
36.7
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
26.6
°C/W
RθJB
Junction-to-board thermal resistance
8.9
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
8.8
°C/W
RθJCbot
Junction-to-case (bottom) thermal resistance
2.2
°C/W
(1)
All voltage values are with respect to network ground.
(2)
Minimum (MIN) and Maximum (MAX) limits are specified by design, test, or statistical analysis. Typical (TYP) numbers are not verified,
but do represent the most likely norm.
(3)
The maximum output current can be limited by the forward current limit ILIM FWD. The power dissipation inside the die increases the
junction temperature and limits the maximum current depending of the length of the current pulse, efficiency, board and ambient
temperature.
6.5 Electrical Characteristics
Limits apply over the junction temperature range –40°C
≤ TJ ≤ +140°C, specified VVANA, VVIN_Bx, VVIN_LDOx, VVOUT_Bx, VVOUT_LDOx
and IOUT range, unless otherwise noted. Typical values are at TJ = 25°C, VVANA = VVIN_Bx = VVIN_LDOx = 3.7 V, and VOUT = 1 V,
unless otherwise noted.
(1) (2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EXTERNAL COMPONENTS
CIN_BUCK
Input filtering
capacitance for buck
regulators
Effective capacitance, connected from VIN_Bx
to PGND_Bx
1.9
10
µF
COUT_BUCK
Output filtering
capacitance for buck
regulators
Effective capacitance
10
22
500
µF
CPOL_BUCK
Point-of-load (POL)
capacitance for buck
regulators
Optional POL capacitance
22
µF
COUT-
TOTAL_BUCK
Buck output capacitance,
total (local and POL)
Total output capacitance
500
µF
CIN_LDO
Input filtering
capacitance for LDO
regulators
Effective capacitance, connected from
VIN_LDOx to AGND. CIN_LDO must be at least
two times larger than COUT_LDO
0.6
2.2
µF
COUT_LDO
Output filtering
capacitance for LDO
regulators
Effective capacitance
0.4
1
2.7
µF
ESRC
Input and output
capacitor ESR
[1-10] MHz
2
10
mΩ
L
Inductor
Inductance of the inductor
0.47
µH
–30%
30%
DCRL
Inductor DCR
25
mΩ
BUCK REGULATORS
V(VIN_Bx),
V(VANA)
Input voltage range
VIN_Bx and VANA pins must be connected to
the same supply line
2.8
3.7
5.5
V
VOUT_Bx
Output voltage
Programmable voltage range
0.7
1
3.36
V
Step size, 0.7 V
≤ VOUT < 0.73 V
10
mV
Step size, 0.73 V
≤ VOUT < 1.4 V
5
Step size, 1.4 V
≤ VOUT ≤ 3.36 V
20
IOUT_Bx
Output current
Output current
2(3)
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com