Electronic Components Datasheet Search
  English  ▼

X  

LP873220 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LP873220
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP873220 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP873220 Datasheet HTML 32Page - Texas Instruments LP873220 Datasheet HTML 33Page - Texas Instruments LP873220 Datasheet HTML 34Page - Texas Instruments LP873220 Datasheet HTML 35Page - Texas Instruments LP873220 Datasheet HTML 36Page - Texas Instruments LP873220 Datasheet HTML 37Page - Texas Instruments LP873220 Datasheet HTML 38Page - Texas Instruments LP873220 Datasheet HTML 39Page - Texas Instruments LP873220 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 74 page
background image
start
MSB Chip Addr LSB
w
ack
MSB Register Addr LSB
ack
MSB
Data LSB
ack
stop
ack from slave
ack from slave
ack from slave
SCL
SDA
start
id = 60h
w
ack
addr = 40h
ack
ack
address 40h data
stop
SCL
SDA
tLOW
trCL
tHD;DAT
tHIGH
tfCL
tSU;DAT
tSU;STA
tSU;STO
START
REPEATED
START
STOP
tHD;STA
START
tSP
trDA
tBUF
tfDA
tHD;STA
36
LP873220
SNVSAU7 – NOVEMBER 2017
www.ti.com
Product Folder Links: LP873220
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Programming (continued)
Figure 21. I2C-Compatible Timing
7.5.1.3 Transferring Data
Every byte put on the SDA line must be eight bits long, with the most significant bit (MSB) being transferred first.
Each byte of data has to be followed by an acknowledge bit. The acknowledge related clock pulse is generated
by the master. The master releases the SDA line (HIGH) during the acknowledge clock pulse. The LP873220
pulls down the SDA line during the 9th clock pulse, signifying an acknowledge. The LP873220 generates an
acknowledge after each byte has been received.
There is one exception to the acknowledge after every byte rule. When the master is the receiver, it must
indicate to the transmitter an end of data by not-acknowledging (negative acknowledge) the last byte clocked out
of the slave. This negative acknowledge still includes the acknowledge clock pulse (generated by the master),
but the SDA line is not pulled down.
NOTE
If the V(VANA) voltage is below VANAUVLO threshold level during I
2C communication the
LP873220 device does not drive SDA line. The ACK signal and data transfer to the master
is disabled at that time.
After the START condition, the bus master sends a chip address. This address is seven bits long followed by an
eighth bit which is a data direction bit (READ or WRITE). For the eighth bit, a 0 indicates a WRITE, and a 1
indicates a READ. The second byte selects the register to which the data will be written. The third byte contains
data to write to the selected register.
Figure 22. Write Cycle (w = write; SDA = 0). Example Device Address = 0x60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com