Electronic Components Datasheet Search
  English  ▼

X  

EM6605 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # EM6605
Description  4 bit Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

EM6605 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  EM6605 Datasheet HTML 1Page - National Semiconductor (TI) EM6605 Datasheet HTML 2Page - National Semiconductor (TI) EM6605 Datasheet HTML 3Page - National Semiconductor (TI) EM6605 Datasheet HTML 4Page - National Semiconductor (TI) EM6605 Datasheet HTML 5Page - National Semiconductor (TI) EM6605 Datasheet HTML 6Page - National Semiconductor (TI) EM6605 Datasheet HTML 7Page - National Semiconductor (TI) EM6605 Datasheet HTML 8Page - National Semiconductor (TI) EM6605 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
EM6605
© EM Microelectronic-Marin SA, 02/99, Rev. B/243
2
EM6605 at a glance
• Power Supply
- Low Voltage, low power architecture
including internal voltage regulator
- 1.8V ... 5.5 V battery voltage
- 4.0
$LQDFWLYHPRGH
- 2.5
$LQVWDQGE\PRGH
- 0.3
$LQVOHHSPRGH
@ 1.8V, 32kHz, 25 °C
- RC oscillator from 30-300kHz
• RAM
- 96 x 4 bit, direct addressable
• ROM
- 2048 x 16 bit metal mask programmable
• CPU
- 4 bit RISC architecture
- 2 clock cycles per instruction
- 72 basic instructions
• Main Operating Modes and Resets
- Active mode
(CPU is running)
- Standby mode
(CPU in Halt)
- Sleep mode
(No clock, Reset State)
- Initial reset on Power-On (POR)
- External reset pin
- Watchdog timer (time-out) reset
- Oscillation detection watchdog reset
- Reset with input combination on PortA
(metal option)
• Supply Voltage Level Detector
- 3 software selectable levels defined by user
between 1.9V and 4.5V)
- Busy flag during measure
- Active only on request during measurement to
reduce power consumption
• 4-Bit Input PortA
- Direct input read
- Debounced or direct input selectable (reg.)
- Interrupt request on input’s rising or falling edge,
selectable by register.
- Pull-down or none, selectable by met. mask
- Software test variables for conditional jumps
- PA3 input for the event counter
- Reset with input combination on PortA
(metal option)
• 4-Bit Input/Output PortB
- separate input or output selection by register
- Pull-up, Pull-down or none, selectable by metal
mask if used as Input
- Buzzer output on PB0
• 4-Bit Input/Output PortC
- Input or Output port as a whole port
- Debounced or direct input selectable (reg.)
- Interrupt request on input’s rising or falling edge,
selectable by register.
- Pull-up, pull-down or none, selectable by
metal mask if used as input
- CMOS or N-channel open drain mode
• 4-Bit Input/Output PortD
- Input or Output port as a whole port
- Pull-up, Pull-down or none, selectable by metal
mask if used as Input
- CMOS or N-channel open drain mode
- Serial Write Buffer clock and data output
• Serial (output) Write Buffer
- max. 256 bits long clocked with
ck[15]/ck[14]/ck[12]/ck[11] = 16/8/2/1kHz
- automatic send mode
- interactive send mode : interrupt request
when buffer is empty
• RCoscillator
- RC oscillator with an external resistor for
frequency adjustment in range from
30kHz to 300kHz
- Production tolerance
±20%
- Temperature toll.
±5%, -20°C<T<70°C
• Buzzer Output
- if used output on PB0
- 3 tone buzzer - 1kHz, 2kHz, 2.66kHz @32kHz
• Prescaler
- 15 stage system clock divider down to 1 Hz
- 3 interrupt requests : 1Hz/8Hz/32Hz
- Prescaler reset ck[14]-ck[1] (from 8kHz-1Hz)
• 8-bit Timer / Event Counter
- 8-bit auto-reload count-down timer
- 6 different clocks from prescaler
- or event counter from the PA3 input
- parallel load
- interrupt request when comes to 00 hex.
• Interrupt Controller
- 4 external interrupt sources from PortA
- 3 internal interrupt sources, prescaler, timer and
Serial Write Buffer
- each interrupt request is individually maskable
- interrupt request flag is cleared automatically on
register read
NOTE: All frequencies on this page are related to 32.7kHz typical system clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com