Electronic Components Datasheet Search
  English  ▼

X  

EM6605 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # EM6605
Description  4 bit Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

EM6605 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button EM6605 Datasheet HTML 30Page - National Semiconductor (TI) EM6605 Datasheet HTML 31Page - National Semiconductor (TI) EM6605 Datasheet HTML 32Page - National Semiconductor (TI) EM6605 Datasheet HTML 33Page - National Semiconductor (TI) EM6605 Datasheet HTML 34Page - National Semiconductor (TI) EM6605 Datasheet HTML 35Page - National Semiconductor (TI) EM6605 Datasheet HTML 36Page - National Semiconductor (TI) EM6605 Datasheet HTML 37Page - National Semiconductor (TI) EM6605 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
EM6605
© EM Microelectronic-Marin SA, 02/99, Rev. B/243
34
Output Currents – continued
IOL P ortC,S tb/Rst; V DD= 5.0V ; V DS = 0.3/0.5/1.0V
1.0
0.3
0.5
0
1
2
3
4
5
-40
-20
0
20
406080
[°C]
[m A ]
IOL P ortD; V DD= 3.0V ; V DS = 0.3/0.5/1.0V
1.0
0.3
0.5
0
1
2
3
4
5
-40
-20
0
20
40
60
80 [°C]
[m A ]
IOL P ortD; V DD= 5.0V ; V DS = 0.3/0.5/1.0V
1.0
0.3
0.5
0
1
2
3
4
5
-40
-20020
40
60
80 [°C]
[m A ]
IOH P ortC,S tb/Rs t; V DD= 5.0V ; V DS = 0.3/0.5/1.0V
1.0
0.3
0.5
-5
-4
-3
-2
-1
0
-40
-20
0
20
40
60
80
[°C]
[m A ]
IOH P ortD; V DD= 5.0V ; V DS = 0.3/0.5/1.0V
1.0
0.3
0.5
-5
-4
-3
-2
-1
0
-40
-20
0
2040
6080
[°C]
[m A]
IOH P ortD; V DD= 5.0V ; V DS = 0.3/0.5/1.0V
1.0
0.3
0.5
-5
-4
-3
-2
-1
0
-40
-20
0
2040
6080
[°C]
[m A ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com