Electronic Components Datasheet Search
  English  ▼

X  

EM6605 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # EM6605
Description  4 bit Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

EM6605 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button EM6605 Datasheet HTML 17Page - National Semiconductor (TI) EM6605 Datasheet HTML 18Page - National Semiconductor (TI) EM6605 Datasheet HTML 19Page - National Semiconductor (TI) EM6605 Datasheet HTML 20Page - National Semiconductor (TI) EM6605 Datasheet HTML 21Page - National Semiconductor (TI) EM6605 Datasheet HTML 22Page - National Semiconductor (TI) EM6605 Datasheet HTML 23Page - National Semiconductor (TI) EM6605 Datasheet HTML 24Page - National Semiconductor (TI) EM6605 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
EM6605
© EM Microelectonic-Marin SA, 02/99, Rev. B/243
21
10.Supply Voltage Level Detector (SVLD)
The EM6605 has a software configurable built-in supply voltage level detector. Three levels can be defined
between VDDmin + 100mV and VDDmax - 1000mV in steps of 100mV. During SLEEP mode this function is
disabled.
The required voltage compare level is selected by writing the bits VLC1 and VLC2 in the SVLD control register
which also activates the compare measurement. Since the measurement is not immediate the busy flag remains
high during the measurement and is automatically cleared low when the measurement is finished. The result is
indicated by inspection of the VLDR flag. If the result is 0 then the voltage level is higher than the selected compare
level. And if 1 is lower than the compare level.
The result VLDR of the last measurement remains until the new one is started. The start of a new measurement
resets the VLDR (SVLD result bit) to 0.
During
the
SVLD
operation
power
consumption
increases by approximately 3
$ GXULQJ RQH SHULRG RI
ck[9] (~3.9msec with *f1). The measurement internally
starts with the rising ck[9] edge following the SVLD test
command. The additional SVLD consumption stops after
the falling edge of the ck[9] internal clock.
Table 33 lists the possible voltage levels
Table 33.SVLD level selection
Evaluation voltage
VLC1
VLC0
not active
0
0
VL1 (low level)
0
1
VL2
1
0
VL3 (high level)
1
1
10.1.SVLD register
Table 34.SVLD control register - SVLD
Bit
Name
Reset
R/W
Description
3
VLDR
0
R
SVLD result (0=higher 1=lower)
2
busy
0
R
measurement in progress
1
VLC1
0
R/W
SVLD level control 1
0
VLC0
0
R/W
SVLD level control 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com