Electronic Components Datasheet Search
  English  ▼

X  

EM6605 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # EM6605
Description  4 bit Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

EM6605 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button EM6605 Datasheet HTML 35Page - National Semiconductor (TI) EM6605 Datasheet HTML 36Page - National Semiconductor (TI) EM6605 Datasheet HTML 37Page - National Semiconductor (TI) EM6605 Datasheet HTML 38Page - National Semiconductor (TI) EM6605 Datasheet HTML 39Page - National Semiconductor (TI) EM6605 Datasheet HTML 40Page - National Semiconductor (TI) EM6605 Datasheet HTML 41Page - National Semiconductor (TI) EM6605 Datasheet HTML 42Page - National Semiconductor (TI) EM6605 Datasheet HTML 43Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
EM6605
© EM Microelectonic-Marin SA, 2/99, Rev. B/243
39
17.7.RC Oscillator
T= +25°C (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.
Max.
Unit
Fabrication process stability
(note1)
Df / f *
-20
±10 *
+20
%
Voltage stability
(note2)
2.4 - 5.0 V
Df /f * DU
-2%
± 0.3
+2%
1/V
Temperature Stability (note2)
-40°C- +85°C
Df /f * DT
0.02%
+0.06%
0.1%
1/°C
External resistor for frequency
(note4) (note5)
Vdd>1.8V
Rext
80*
120-330
600*
k
Ω
Ext. capacitor (parallel to Rext)
(note4)
Cext
150
390
pF
Oscillator start time (note3)
Vdd>1.8V
tdosc
0.1
1
ms
System start time
(note3)
(oscillator+cold start reset)
Vdd>1.8V
tdsys
3
4
ms
Oscillation detector frequency
Vdd>1.8V &
Vdd<5.0V
fOD
4.0
15
kHz
Note1: Typical value of ±10% for “Fabrication process stability” gives a range where about 93-98% of all
pieces are situated relative to their mean frequency f *.
Note2: Oscillator stability in voltage and temperature is for frequency range from 30kHz - 300 kHz
Note3: Oscillator start time is for the worst case - 32 kHz frequency (low frequency)
Note4: External capacitor parallel to Rext which set the system frequency – The capacitor must be as close as
possible to RCin pin. The connection tw. Resistor and Capacitor on this pin must be really as short as
possible otherwise the RC oscillator has bigger jitter. (capacitor is not obligatory but can improve voltage
dependance and reduce jitter.
Note5: External resistor Rext which can set the frequency can have bigger range but this should be discussed
by EM for special cases only. Tests were made only during qualification of the product.
17.8.Input Timing characteristics
1.8V<Vdd<5.0V, -20°C <T<85°C (unless otherwise specified) at f=32kHz
Parameter
Conditions
Symb.
Min.
Unit
RESET pulse length to exit
SLEEP mode
RESET from
SLEEP
tRESsl
2
µs
RESET pulse length (debounced)
PortA , C pulse length (debounced)
DebCK = 0
DebCK = 0
tdeb0
tdeb0
2
2
ms
ms
RESET pulse length (debounced)
PortA , C pulse length (debounced)
DebCK = 1
DebCK = 1
tdeb1
tdeb1
16
16
ms
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com