Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000BSTZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADAS1000BSTZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADAS1000BSTZ Datasheet HTML 30Page - Analog Devices ADAS1000BSTZ Datasheet HTML 31Page - Analog Devices ADAS1000BSTZ Datasheet HTML 32Page - Analog Devices ADAS1000BSTZ Datasheet HTML 33Page - Analog Devices ADAS1000BSTZ Datasheet HTML 34Page - Analog Devices ADAS1000BSTZ Datasheet HTML 35Page - Analog Devices ADAS1000BSTZ Datasheet HTML 36Page - Analog Devices ADAS1000BSTZ Datasheet HTML 37Page - Analog Devices ADAS1000BSTZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Rev. B | Page 34 of 80
DEFIBRILLATOR PROTECTION
The ADAS1000/ADAS1000-1/ADAS1000-2 do not include
defibrillation protection on chip. Any defibrillation protection
required by the application requires external components.
Figure 63 and Figure 64 show examples of external defibrillator
protection, which is required on each ECG channel, in
the RLD path and in the CM_IN path if using the CE input
mode. Note that, in both cases, the total ECG path resistance is
assumed to be 5 kΩ. The 22 MΩ resistors shown connected to
RLD are optional and used to provide a safe termination voltage
for an open ECG electrode; they may be larger in value. Note
that, if using these resistors, the dc lead-off feature works best
with the highest current setting.
ESIS FILTERING
The ADAS1000/ADAS1000-1/ADAS1000-2 do not include
electrosurgical interference suppression (ESIS) protection on
chip. Any ESIS protection required by the application requires
external components.
ECG PATH INPUT MULTIPLEXING
As shown in Figure 65, signal paths for numerous functions are
provided on each ECG channel (except respiration, which only
connect to the ECG1_LA, ECG2_LL, and ECG3_RA pins).
Note that the channel enable switch occurs after the RLD
amplifier connection, thus allowing the RLD to be connected
(re-directed into any one of the ECG paths). The CM_IN path
is treated the same as the ECG signals.
Figure 63. Possible Defibrillation Protection on ECG Paths Using Neon Bulbs
Figure 64. Possible Defibrillation Protection on ECG Paths Using Diode Protection
Figure 65. Typical ECG Channel Input Multiplexing
ELECTRODE
PATIENT
CABLE
4kΩ
ECG1
500Ω
500Ω
ELECTRODE
PATIENT
CABLE
4kΩ
ECG2
RLD
22MΩ1
22MΩ1
ARGON/NEON
BULB
ARGON/NEON
BULB
1OPTIONAL.
SP724
AVDD
SP724
AVDD
500Ω
500Ω
ADAS1000/
ADAS1000-1/
ADAS1000-2
ELECTRODE
PATIENT
CABLE
4.5kΩ
ADAS1000/
ADAS1000-1/
ADAS1000-2
500Ω
ELECTRODE
PATIENT
CABLE
4.5kΩ
500Ω
RLD
22MΩ1
22MΩ1
AVDD
AVDD
1OPTIONAL.
2TWO LITTELFUSE SP724 CHANNELS PER ELECTRODE MAY PROVIDE
BEST PROTECTION.
SP7242
SP7242
ECG1
ECG2
ANALOG
LEAD
(RA/LA/LL)
INPUT AMPLIFIER
RLD AMP
DCLO
CURRENT
ACLO
CURRENT
11.3pF
RESPIRATION
INPUT
CALDAC
CHANNEL
ENABLE
ECG PIN
1.3V VCM_REF
+
–
TO CM
AVERAGING
FROM CM
AVERAGING
TO
FILTERING
ADAS1000
VCM
MUX FOR LEAD CONFIG,
COMMON ELECTRODE
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com