Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000BSTZ Datasheet(PDF) 47 Page - Analog Devices

Part # ADAS1000BSTZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ Datasheet(HTML) 47 Page - Analog Devices

Back Button ADAS1000BSTZ Datasheet HTML 43Page - Analog Devices ADAS1000BSTZ Datasheet HTML 44Page - Analog Devices ADAS1000BSTZ Datasheet HTML 45Page - Analog Devices ADAS1000BSTZ Datasheet HTML 46Page - Analog Devices ADAS1000BSTZ Datasheet HTML 47Page - Analog Devices ADAS1000BSTZ Datasheet HTML 48Page - Analog Devices ADAS1000BSTZ Datasheet HTML 49Page - Analog Devices ADAS1000BSTZ Datasheet HTML 50Page - Analog Devices ADAS1000BSTZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
Rev. B | Page 47 of 80
VOLTAGE REFERENCE
The ADAS1000/ADAS1000-1/ADAS1000-2 have a high
performance, low noise, on-chip 1.8 V reference for use in
the ADC and DAC circuits. The REFOUT of one device is
intended to drive the REFIN of the same device. The internal
reference is not intended to drive significant external current;
for optimum performance in gang operation with multiple
devices, each device should use its own internal reference.
An external 1.8 V reference can be used to provide the
required VREF. In such cases, there is an internal buffer pro-
vided for use with external reference. The REFIN pin is a
dynamic load with an average input current of approximately
100 μA per enabled channel, including respiration. When
the internal reference is used, the REFOUT pin requires
decoupling with a10 μF capacitor with low ESR (0.2 Ω
maximum) in parallel with 0.01 μF capacitor to REFGND,
these capacitors should be placed as close to the device pins
as possible and on the same side of the PCB as the device.
GANG MODE OPERATION
While a single ADAS1000 or ADAS1000-1 provides the ECG
channels to support a five-electrode and one-RLD electrode
(or up to 8-lead) system, the device has also been designed so
that it can easily extend to larger systems by paralleling up
multiple devices. In this mode of operation, an ADAS1000 or
ADAS1000-1 master device can easily be operated with one
or more ADAS1000-2 slave devices. In such a configuration,
one of the devices (ADAS1000 or ADAS1000-1) is designated
as master, and any others are designated as slaves. It is
important that the multiple devices operate well together;
with this in mind, the pertinent inputs/outputs to interface
between master and slave devices have been made available.
Note that when using multiple devices, the user must collect
the ECG data directly from each device. If using a traditional
12-lead arrangement where the Vx leads are measured relative to
WCT, the user must configure the ADAS1000 or ADAS1000-1
master device in lead mode with the slave ADAS1000-2
device configured for electrode mode. The LSB size for
electrode and lead data differs (see Table 43 for details).
In gang mode, all devices must be operated in the same
power mode (either high performance or low power) and
the same data rate.
Master/Slave
The ADAS1000 or ADAS1000-1 can be configured as a
master or slave, while the ADAS1000-2 can only be config-
ured as a slave. A device is selected as a master or slave using
Bit 5, master, in the ECGCTL register (see Table 28). Gang
mode is enabled by setting Bit 4, gang, in the same register.
When a device is configured as a master, the SYNC_GANG
pin is automatically set as an output.
When a device is configured as a slave (ADAS1000-2), the
SYNC_GANG and CLK_IO pins are set as inputs.
Synchronizing Devices
The ganged devices need to share a common clock to ensure
that conversions are synchronized. One approach is to drive
the slave CLK_IO pins from the master CLK_IO pin. Alter-
natively, an external 8.192 MHz clock can be used to drive
the CLK_IO pins of all devices. The CLK_IO powers up high
impedance until configured in gang mode.
In addition, the SYNC_GANG pin is used to synchronize
the start of the ADC conversion across multiple devices. The
SYNC_GANG pin is automatically driven by the master and
is an input to all the slaves. SYNC_GANG is in high
impedance until enabled via gang mode.
When connecting devices in gang mode, the SYNC_GANG
output is triggered once when the master device starts to convert.
Therefore, to ensure that the slave device or devices receive this
synchronization signal, configure the slave device first for oper-
ation and enable conversions, followed by issuing the conversion
signal to the ECGCTL register in the master device.
Figure 76. Master/Slave Connections in Gang Mode, Using Multiple
ADAS1000/ADAS1000-1/ADAS1000-2 Devices
Calibration
The calibration DAC signal from one device (master) can be
output on the CAL_DAC_IO pin and used as the calibration
input for other devices (slaves) when used in the gang mode
of operation. This ensures that they are all being calibrated
using the same signal which results in better matching across
channels. This does not happen automatically in gang mode
but, rather, must be configured via Table 36.
MASTER
CLK_OI
SYNC_GANG
CM_OUT
CAL_DAC_IO
CLK_IO
SYNC_GANG
CM_IN
CAL_DAC_IO
SYNC_GANG
CM_IN
SLAVE 0
SLAVE 1
CAL_DAC_IO
CLK_IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com