Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000BSTZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADAS1000BSTZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADAS1000BSTZ Datasheet HTML 5Page - Analog Devices ADAS1000BSTZ Datasheet HTML 6Page - Analog Devices ADAS1000BSTZ Datasheet HTML 7Page - Analog Devices ADAS1000BSTZ Datasheet HTML 8Page - Analog Devices ADAS1000BSTZ Datasheet HTML 9Page - Analog Devices ADAS1000BSTZ Datasheet HTML 10Page - Analog Devices ADAS1000BSTZ Datasheet HTML 11Page - Analog Devices ADAS1000BSTZ Datasheet HTML 12Page - Analog Devices ADAS1000BSTZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
NOISE PERFORMANCE
Table 3. Typical Input Referred Noise over 0.5 Second Window (µV p-p)1
Mode
Data Rate2
GAIN 0 (×1.4)
±1 VCM
GAIN 1 (×2.1)
±0.67 VCM
GAIN 2 (×2.8)
±0.5 VCM
GAIN 3 (×4.2)
±0.3 VCM
Analog Lead Mode3
High Performance Mode
2 kHz (0.5 Hz to 40 Hz)
8
6
5
4
2 kHz (0.05 Hz to 150 Hz)
14
11
9
7.5
1
Typical values measured at 25°C
, not subject to production test.
2
Data gathered using the 2 kHz packet/frame rate is measured over 0.5 seconds. The ADAS1000 internal programmable low-pass filter is configured for either 40 Hz or
150 Hz bandwidth. The data is gathered and post processed using a digital filter of either 0.05 Hz or 0.5 Hz to provide data over noted frequency bands.
3
Analog lead mode as shown in Figure 58.
Table 4. Typical Input Referred Noise (μV p-p)1
Mode
Data Rate2
GAIN 0 (×1.4)
±1 VCM
GAIN 1 (×2.1)
±0.67 VCM
GAIN 2 (×2.8)
±0.5 VCM
GAIN 3 (×4.2)
±0.3 VCM
Analog Lead Mode3
High Performance Mode
2 kHz (0.5 Hz to 40 Hz)
12
8.5
6
5
2 kHz (0.05 Hz to 150 Hz)
20
14.5
10
8.5
2 kHz (0.05 Hz to 250 Hz)
27
18
14.5
10.5
2 kHz (0.05 Hz to 450 Hz)
33.5
24
19
13.5
16 kHz
95
65
50
39
128 kHz
180
130
105
80
Low Power Mode
2 kHz (0.5 Hz to 40 Hz)
13
9.5
7.5
5.5
2 kHz (0.05 Hz to 150 Hz)
22
15.5
12
9
16 kHz
110
75
59
45
128 kHz
215
145
116
85
Electrode Mode4
High Performance Mode
2 kHz (0.5 Hz to 40 Hz)
13
9.5
8
5.5
2 kHz (0.05 Hz to 150 Hz)
21
15
11
9
2 kHz (0.05 Hz to 250 Hz)
26
19
15.5
11.5
2 kHz (0.05 Hz to 450 Hz)
34.5
25
20.5
14.5
16 kHz
100
70
57
41
128 kHz
190
139
110
85
Low Power Mode
2 kHz (0.5 Hz to 40 Hz)
14
9.5
7.5
5.5
2 kHz (0.05 Hz to 150 Hz)
22
15.5
12
9.5
16 kHz
110
75
60
45
128 kHz
218
145
120
88
Digital Lead Mode5, 6
High Performance Mode
2 kHz (0.5 Hz to 40 Hz)
16
11
9
6.5
2 kHz (0.05 Hz to 150 Hz)
25
19
15
10
2 kHz (0.05 Hz to 250 Hz)
34
23
18
13
2 kHz (0.05 Hz to 450 Hz)
46
31
24
17.5
16 kHz
130
90
70
50
Low Power Mode
2 kHz (0.5 Hz to 40 Hz)
18
12.5
10
7
2 kHz (0.05 Hz to 150 Hz)
30
21
16
11
16 kHz
145
100
80
58
1
Typical values measured at 25°C
, not subject to production test.
2
Data gathered using the 2 kHz packet/frame rate is measured over 20 seconds. The ADAS1000 internal programmable low-pass filter is configured for either 40 Hz or
150 Hz bandwidth. The data is gathered and post processed using a digital filter of either 0.05 Hz or 0.5 Hz to provide data over noted frequency bands.
3
Analog lead mode as shown in Figure 58.
4
Single-ended input electrode mode as shown in Figure 61. Electrode mode refers to common electrode A, common electrode B, and single-ended input electrode
configurations. See Electrode/Lead Formation and Input Stage Configuration section.
5
Digital lead mode as shown in Figure 59.
6
Digital lead mode is available in 2 kHz and 16 kHz data rates.
Rev. B | Page 9 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com