Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000BSTZ Datasheet(PDF) 41 Page - Analog Devices

Part # ADAS1000BSTZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ Datasheet(HTML) 41 Page - Analog Devices

Back Button ADAS1000BSTZ Datasheet HTML 37Page - Analog Devices ADAS1000BSTZ Datasheet HTML 38Page - Analog Devices ADAS1000BSTZ Datasheet HTML 39Page - Analog Devices ADAS1000BSTZ Datasheet HTML 40Page - Analog Devices ADAS1000BSTZ Datasheet HTML 41Page - Analog Devices ADAS1000BSTZ Datasheet HTML 42Page - Analog Devices ADAS1000BSTZ Datasheet HTML 43Page - Analog Devices ADAS1000BSTZ Datasheet HTML 44Page - Analog Devices ADAS1000BSTZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
Rev. B | Page 41 of 80
Respiration Carrier Frequency
The frequency of the respiration carrier is programmable and
can be varied through the RESPCTL register (Address 0x03, see
Table 30). The status of the HP bit in the ECGCTL register also
has an influence on the carrier frequency as shown in Table 13.
Table 13. Control of Respiration Carrier Frequencies.
RESPALTFREQ1
RESPEXTSYNC1
HP2
RESP-
FREQ1
Respiration
Carrier
Frequency
0
0
1
00
56
0
0
1
01
54
0
0
1
10
52
0
0
1
11
50
0
0
0
00
56
0
0
0
01
54
0
0
0
10
52
0
0
0
11
50
1
0
1
00
64
1
0
1
01
56.9
1
0
1
10
51.2
1
0
1
11
46.5
1
0
0
00
32
1
0
0
01
28
1
0
0
10
25.5
1
0
0
11
23
1 Control bits from RESPCTL (Register 0x03).
2 Control bit from ECGCTL (Register 0x01).
In applications where an external signal generator is used to
develop a respiration carrier signal, that external signal source
can be synchronized to the internal carrier using the signal
available on GPIO3 when Bit 7, RESPEXTSEL, is enabled in
the respiration control register (see Table 30).
Table 14. Control of Respiration Carrier Frequency
Available on GPIO3
RESPALT-
FREQ1
RESPEXT-
SYNC1
HP2
RESP-
FREQ1
Respiration Carrier
Frequency on GPIO3
0
X3
X3
XX3
64
1
1
1
00
64
1
1
1
01
56
1
1
1
10
51.2
1
1
1
11
46.5
1
1
0
00
32
1
1
0
01
28
1
1
0
10
25.5
1
1
0
11
23
1 Control bits from RESPCTL (Register 0x03).
2 Control bit from ECGCTL (Register 0x01).
3 X = don’t care.
EVALUATING RESPIRATION PERFORMANCE
ECG simulators offer a convenient means of studying the
performance of the ADAS1000. While many simulators offer a
variable-resistance respiration capability, care must be taken
when using this feature.
Some simulators use electrically programmable resistors, often
referred to as digiPOTs, to create the time-varying resistance to
be measured by the respiration function. The capacitances at the
terminals of the digiPOT are often unequal and code-dependent,
and these unbalanced capacitances can give rise to unexpectedly
large or small results on different leads for the same programmed
resistance variation. Best results are obtained with a purpose-
built fixture that carefully balances the capacitance presented to
each ECG electrode.
EXTEND SWITCH ON RESPIRATION PATHS
There is additional multiplexing on the external respiration inputs
to allow them to serve as additional electrode inputs to the existing
five ECG ADC channels. This approach allows a user to configure
eight electrode inputs; however, it is not intended as a true
8-channel/12-lead solution. Time overheads are required to
reconfigure the multiplexer arrangement using the serial interface
in addition to filter the latency as described in Table 16.
The user has full control over the SW1/SW2/SW3 configuration
as outlined in Table 50.
Figure 72. Alternative Use of the Respiration Paths
TO ECG1_LA CHANNEL
TO ECG2_LL CHANNEL
TO ECG3_RA CHANNEL
TO ECG4_V1 CHANNEL
TO ECG5_V2 CHANNEL
EXT_RESP_RA
EXT_RESP_LL
EXT_RESP_LA
SW1a
SW1b
SW1c
SW1d
SW1e
SW2a
SW2b
SW2c
SW2d
SW2e
SW3a
SW3b
SW3c
SW3d
SW3e
TO RESPIRATION CIRCUITRY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com