Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000BSTZ Datasheet(PDF) 40 Page - Analog Devices

Part # ADAS1000BSTZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ Datasheet(HTML) 40 Page - Analog Devices

Back Button ADAS1000BSTZ Datasheet HTML 36Page - Analog Devices ADAS1000BSTZ Datasheet HTML 37Page - Analog Devices ADAS1000BSTZ Datasheet HTML 38Page - Analog Devices ADAS1000BSTZ Datasheet HTML 39Page - Analog Devices ADAS1000BSTZ Datasheet HTML 40Page - Analog Devices ADAS1000BSTZ Datasheet HTML 41Page - Analog Devices ADAS1000BSTZ Datasheet HTML 42Page - Analog Devices ADAS1000BSTZ Datasheet HTML 43Page - Analog Devices ADAS1000BSTZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
External Respiration Capacitors
If necessary, the ADAS1000 allows the user to connect external
capacitors into the respiration circuit to achieve higher resolution
(<200 mΩ). This level of resolution requires that the cable
impedance be ≤1 kΩ. The diagram in Figure 70 shows the
connections at RESPDAC_xx paths for the extended respiration
configuration. Again, the EXT_RESP_xx paths can be connected
at the patient side of any filtering circuit; however, the user must
provide protection for these pins. While this external capacitor
mode requires external components, it can deliver a larger signal-
to-noise ratio. Note again that respiration can be measured on
only one lead (at one time); therefore, only one pair of external
respiration paths (and external capacitors) is required.
If required, further improvements in respiration performance
may be possible with the use of an instrumentation amplifier
and op amp external to the ADAS1000. The instrumentation
amplifier must have sufficiently low noise performance to meet
the target performance levels. This mode uses the external
capacitor mode configuration and is shown in Figure 71. Bit 14
of the RESPCTL register (Address 0x03; see Table 30) allows the
user to bypass the on-chip amplifier when using an external
instrumentation amplifier.
Figure 70. Respiration Measurement Using External Capacitor
Figure 71. Respiration Using External Capacitor and External Amplifiers
±1V
±1V
LPF
LA CABLE
ECG1_LA
EXT_RESP_LA
ECG2_LL
EXT_RESP_LL
ECG3_RA
EXT_RESP_RA
ADAS1000
46.5kHz TO
64kHz
46.5kHz TO
64kHz
OVERSAMPLED
5kΩ
1kΩ
1kΩ
1kΩ
5kΩ
100pF
100pF
fc=10kHz
fc=150kHz
7Hz
RESPDAC_LA
RESPDAC_RA
RESPDAC_LL
1nF TO 10nF
1nF TO 10nF
MUTUALLY
EXCLUSIVE
MUTUALLY
EXCLUSIVE
RESPIRATION DAC
DRIVE +
CABLE AND ELECTRODE
IMPEDANCE < 1kΩ
LL CABLE
RA CABLE
FILTER
FILTER
FILTER
RESPIRATION
MEASURE
RESPIRATION DAC
DRIVE –
HPF
IN-AMP AND
ANTI-ALIASING
MAGNITUDE
AND
PHASE
SAR
ADC
LA CABLE
ADAS1000
50kHz TO
56kHz
46.5kHz TO
64kHz
OVERSAMPLED
1kΩ
10kΩ
10kΩ
10kΩ
10kΩ
1kΩ
100Ω
100Ω
RESPDAC_LA
RESPDAC_RA
1nF TO 10nF
1nF TO 10nF
RESPIRATION DAC
DRIVE + ve
CABLE AND ELECTRODE
IMPEDANCE < 1kΩ
RA CABLE
RESPIRATION
MEASURE
RESPIRATION DAC
DRIVE – ve
HPF
IN-AMP AND
ANTI-ALIASING
MAGNITUDE
AND
PHASE
SAR
ADC
EXT_RESP_LA
EXT_RESP_RA
REFOUT = 1.8V
0.9V
GAIN
1/2 OF
AD8606
1/2 OF
AD8606
±1V
±1V
LPF
fc=10kHz
fc=150kHz
7Hz
Rev. B | Page 40 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com