Electronic Components Datasheet Search
  English  ▼

X  

UM2153 Datasheet(PDF) 51 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 47Page - STMicroelectronics UM2153 Datasheet HTML 48Page - STMicroelectronics UM2153 Datasheet HTML 49Page - STMicroelectronics UM2153 Datasheet HTML 50Page - STMicroelectronics UM2153 Datasheet HTML 51Page - STMicroelectronics UM2153 Datasheet HTML 52Page - STMicroelectronics UM2153 Datasheet HTML 53Page - STMicroelectronics UM2153 Datasheet HTML 54Page - STMicroelectronics UM2153 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
Figure 31. Peripherals
10
11
Peripherals
MB1297
D
29/01/2017
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
Project:
LED2
The 2 LEDs are top side
USER LED
RESET BUTTON
USER & WAKE-UP Button
3V3
100nF should be place close to the MCU
10pF and 1K should be place close to the button
100nF should be place close to the MCU
10pF and 1K should be place close to the button
GND
GND
GND
STM_NRST
BUTTON_EXTI13
PMOD-RESET
PMOD-SPI2_SCK
PMOD-IRQ_EXTI2
PMOD-UART2_CTS/SPI2_MISO
PMOD-UART2_RTS/SPI2_MOSI
PMOD-UART2_TX/SPI2_CSN
PMOD-UART2_RX
LED3(WIFI) & LED4(BLE)
GND
3V3
WIFI
BLE
GND
3V3
Designed by DiZiC
ARD.D13-SPI1_SCK/LED1
2
4
6
8
10
12
1
3
5
7
9
11
CN10
HEADER_2X6_PMOD
3V3
GND
GND
PMOD
4
5
1
3
2
VCC-
VCC+
U21
TSV631AILT
GND
GND
3V3
GND
C34
100nF
GND
C35
10pF
GND
C73
100nF
R19
1K
R16
10K
R38
200K
R18
1K
GREEN
LD1
LED
GREEN
LD2
LED
YELLOW
LD3
LED
BLUE
LD4
LED
GND
C36
100nF
GND
C37
10pF
R24
1K
R23
100K
R20
330R
R21
1K
R22
680R
SB2
Close
SB1
Close
SB3
Close
Close
Open
Close
Open
Open
Close
SB21
Close
SB20
Open
B1
SW-PUSH-CMS_BLACK
B2
SW-PUSH-CMS_BLUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com