Electronic Components Datasheet Search
  English  ▼

X  

UM2153 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 10Page - STMicroelectronics UM2153 Datasheet HTML 11Page - STMicroelectronics UM2153 Datasheet HTML 12Page - STMicroelectronics UM2153 Datasheet HTML 13Page - STMicroelectronics UM2153 Datasheet HTML 14Page - STMicroelectronics UM2153 Datasheet HTML 15Page - STMicroelectronics UM2153 Datasheet HTML 16Page - STMicroelectronics UM2153 Datasheet HTML 17Page - STMicroelectronics UM2153 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
Hardware layout and configuration
UM2153
14/57
DocID030118 Rev 3
7.3.2
ST-LINK/V2-1 firmware upgrade
The ST-LINK/V2-1 embeds a firmware upgrade mechanism for in-situ upgrade through the
USB port. As the firmware may evolve during the lifetime of the ST-LINK/V2-1 product (for
example new functionalities, bug fixes, support for new microcontroller families), it is
recommended to visit the www.st.com website, before starting to use the STM32L4
Discovery kit for IoT node and periodically, to stay up-to-date with the latest firmware
version.
7.4
Power supply
The STM32L4 Discovery kit for IoT node is designed to be powered by 5 V DC power
supply. It is possible to configure the STM32L4 Discovery kit to use any of the following five
sources for the power supply: 5V_ST_LINK, 5V_ARD, 5V_USB_FS, 5V_VBAT and
5V_USB_CHARGER.
In case of external 5 V DC power adapter, the STM32L4 Discovery kit must be powered by
a power supply unit or by an auxiliary equipment complying with the standard EN-60950-1:
2006+A11/2009, and must be Safety Extra Low Voltage (SELV) with limited power
capability.
•
5V_ST_LINK (See Figure 7) is a 5V DC power with limitation from CN7 (the USB type
Micro-B connector of ST-LINK/V2-1). In this case, jumper of JP4 should be on pins 1
and 2 to select the 5V_ST_LINK power source on silkscreen of JP4. This is the default
setting. If the USB enumeration succeeds, the 5V_ST_LINK power is enabled, by
asserting the PWR_ENn signal (from STM32F103CBT6). This pin is connected to a
power switch ST890, which powers the board. This power switch features also a
current limitation to protect the PC in case of a short-circuit on board (more than
750 mA). STM32L4 Discovery kit for IoT node can be powered from the ST-LINK USB
connector CN7, but only ST-LINK circuit has the power before USB enumeration,
because the host PC only provides 100 mA to the board at that time. During the USB
enumeration, STM32L4 Discovery kit for IoT node asks for the 500 mA power to the
host PC. If the host is able to provide the required power, the enumeration finishes by a
“SetConfiguration” command and then, the power transistor ST890 is switched ON, the
red LED LD7 is turned ON, thus the STM32L4 Discovery kit for IoT node consumes up
to 500 mA current, but no more. If the host is not able to provide the requested current,
the enumeration fails. Therefore the ST890 remains OFF and the MCU part including
the extension board is not powered. As a consequence the red LED LD7 remains
turned OFF. In this case it is mandatory to use an external power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com