Electronic Components Datasheet Search
  English  ▼

X  

UM2153 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 3Page - STMicroelectronics UM2153 Datasheet HTML 4Page - STMicroelectronics UM2153 Datasheet HTML 5Page - STMicroelectronics UM2153 Datasheet HTML 6Page - STMicroelectronics UM2153 Datasheet HTML 7Page - STMicroelectronics UM2153 Datasheet HTML 8Page - STMicroelectronics UM2153 Datasheet HTML 9Page - STMicroelectronics UM2153 Datasheet HTML 10Page - STMicroelectronics UM2153 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
DocID030118 Rev 3
7/57
UM2153
Product marking
56
2
Product marking
Evaluation tools marked as "ES" or "E" are not yet qualified and therefore they are not ready
to be used as reference design or in production. Any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of these
engineering sample tools as reference design or in production.
"E" or "ES" marking examples of location:
•
On the targeted STM32 that is soldered on the board (for illustration of STM32 marking,
refer to the section “Package characteristics” of the STM32 datasheet at www.st.com).
•
Next to the evaluation tool ordering part number, that is stuck or silk-screen printed on
the board.
3
System requirements
•
Windows® OS (XP, 7, 8 and 10), Linux® or MacOS™
•
USB Type-A to Micro-B cable
4
Development toolchains
•
Keil® MDK-ARM(a)
•
IAR™ EWARM(a)
•
GCC-based IDEs including free SW4STM32 from AC6
•
ARM® mbed Enabled™ online
5
Demonstration software
The demonstration software, included in the STM32Cube package, is preloaded in the
STM32 Flash memory for easy demonstration of the device peripherals in standalone mode.
The latest versions of the demonstration source code and associated documentation can be
downloaded from the www.st.com/stm32app-discovery webpage.
a. On Windows® only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com