Electronic Components Datasheet Search
  English  ▼

X  

UM2153 Datasheet(PDF) 34 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 30Page - STMicroelectronics UM2153 Datasheet HTML 31Page - STMicroelectronics UM2153 Datasheet HTML 32Page - STMicroelectronics UM2153 Datasheet HTML 33Page - STMicroelectronics UM2153 Datasheet HTML 34Page - STMicroelectronics UM2153 Datasheet HTML 35Page - STMicroelectronics UM2153 Datasheet HTML 36Page - STMicroelectronics UM2153 Datasheet HTML 37Page - STMicroelectronics UM2153 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
Connectors
UM2153
34/57
DocID030118 Rev 3
8.5
USB OTG FS micro-AB
Figure 21. USB OTG FS Micro-AB connector CN9 (front view)
8.6
PMOD connector CN10
On STM32L4 Discovery kit for IoT node, the PMOD connector provides flexibility in small
form factor application. Based on PMOD Digilent standard popular in connectivity, the
PMOD connector is implemented in type 2A and 4A.
The related STM32L475VG I/Os for PMOD function are listed in Table 10. The PMOD
connector is 2x6 pins with 2.54 mm pitch and right angle female connector.
Table 8. USB OTG FS Micro-AB pinout
Connector
Pin
number
Pin names
Signal name
STM32L4
pin
Function
CN9
1VBUS
USB_OTG_5V_VBUS
PA9
5 V power and
detection
2
DM
USB_OTG_FS_DM
PA11
USB diff pair M
3
DP
USB_OTG_FS_DP
PA12
USB diff pair P
4
ID
USB_OTG_FS_ID
PA10
USB identification
5GND
-
-
GND
Table 9. USB OTG FS power management
Pin number
Pin names
Signal names
STM32L4 pin
Function
IC19-3
FAULTn
USB_OTG_FS_OVRCR_EXTI3
PE3
Over Current IT
IC19-4
ENn
USB_OTG_FS_PWR_EN
PD12
USB Power enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com