Electronic Components Datasheet Search
  English  ▼

X  

UM2153 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 2Page - STMicroelectronics UM2153 Datasheet HTML 3Page - STMicroelectronics UM2153 Datasheet HTML 4Page - STMicroelectronics UM2153 Datasheet HTML 5Page - STMicroelectronics UM2153 Datasheet HTML 6Page - STMicroelectronics UM2153 Datasheet HTML 7Page - STMicroelectronics UM2153 Datasheet HTML 8Page - STMicroelectronics UM2153 Datasheet HTML 9Page - STMicroelectronics UM2153 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
Features
UM2153
6/57
DocID030118 Rev 3
1
Features
• Ultra-low-power STM32L4 Series MCUs based on ARM® Cortex®-M4 core with 1 Mbyte
of Flash memory and 128 Kbytes of SRAM, in LQFP100 package
• 64-Mbit Quad-SPI (Macronix) Flash memory
• Bluetooth® V4.1 module (SPBTLE-RF)
• Sub-GHz (868 or 915 MHz) low-power-programmable RF module
(SPSGRF-868 or SPSGRF-915)
• Wi-Fi® module Inventek ISM43362-M3G-L44 (802.11 b/g/n compliant)
• Dynamic NFC tag based on M24SR with its printed NFC antenna
• 2 digital omnidirectional microphones (MP34DT01)
• Capacitive digital sensor for relative humidity and temperature (HTS221)
• High-performance 3-axis magnetometer (LIS3MDL)
• 3D accelerometer and 3D gyroscope (LSM6DSL)
• 260-1260 hPa absolute digital output barometer (LPS22HB)
• Time-of-Flight and gesture-detection sensor (VL53L0X)
• 2 push-buttons (user and reset)
• USB OTG FS with Micro-AB connector
• Board expansion connectors:
– Arduino™ Uno V3
–PMOD
• Flexible power-supply options: ST-LINK USB VBUS or external sources
• On-board ST-LINK/V2-1 debugger/programmer with USB
re-enumeration capability: mass storage, virtual COM port and debug port
• Comprehensive free software including a variety of examples, as part of the STM32Cube
package, as well as a cloud connector software expansion, enabling direct access to cloud
servers
• Support of wide choice of Integrated Development Environments (IDEs) including IAR™,
Keil®, GCC-based IDEs, ARM® mbed Enabled™
• ARM® mbed Enabled™ (see http://mbed.org)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com