Electronic Components Datasheet Search
  English  ▼

X  

AD9277 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9277
Description  Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9277 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9277 Datasheet HTML 5Page - Analog Devices AD9277 Datasheet HTML 6Page - Analog Devices AD9277 Datasheet HTML 7Page - Analog Devices AD9277 Datasheet HTML 8Page - Analog Devices AD9277 Datasheet HTML 9Page - Analog Devices AD9277 Datasheet HTML 10Page - Analog Devices AD9277 Datasheet HTML 11Page - Analog Devices AD9277 Datasheet HTML 12Page - Analog Devices AD9277 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
AD9277
Rev. 0 | Page 8 of 48
SWITCHING SPECIFICATIONS
AVDD1 = 1.8 V, AVDD2 = 3.0 V, DRVDD = 1.8 V, 1.0 V internal ADC reference, fIN = 5 MHz, full temperature, unless otherwise noted.
Table 3.
Parameter1
Temperature
Min
Typ
Max
Unit
CLOCK2
Clock Rate
Full
10
50
MHz
Clock Pulse Width High (tEH)
Full
10
ns
Clock Pulse Width Low (tEL)
Full
10
ns
OUTPUT PARAMETERS2, 3
Propagation Delay (tPD)
Full
(tSAMPLE/2) + 1.5
(tSAMPLE/2) + 2.3
(tSAMPLE/2) + 3.1
ns
Rise Time (tR) (20% to 80%)
Full
300
ps
Fall Time (tF) (20% to 80%)
Full
300
ps
FCO Propagation Delay (tFCO)
Full
(tSAMPLE/2) + 1.5
(tSAMPLE/2) + 2.3
(tSAMPLE/2) + 3.1
ns
DCO Propagation Delay (tCPD)4
Full
tFCO + (tSAMPLE/24)
ns
DCO to Data Delay (tDATA)4
Full
(tSAMPLE/24) − 300
(tSAMPLE/24)
(tSAMPLE/24) + 300
ps
DCO to FCO Delay (tFRAME)4
Full
(tSAMPLE/24) − 300
(tSAMPLE/24)
(tSAMPLE/24) + 300
ps
Data-to-Data Skew (tDATA-MAX − tDATA-MIN)
Full
±100
±350
ps
Wake-Up Time (Standby), GAIN+ = 0.5 V
25°C
2
μs
Wake-Up Time (Power-Down)
25°C
1
ms
Pipeline Latency
Full
8
Clock
cycles
APERTURE
Aperture Uncertainty (Jitter)
25°C
<1
ps rms
LO GENERATION
4LO Frequency
Full
4
40
MHz
LO Divider RESET Setup Time5
Full
5
ns
LO Divider RESET Hold Time5
Full
5
ns
LO Divider RESET High Pulse Width
Full
20
ns
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and information about how these tests were
completed.
2 Can be adjusted via the SPI.
3 Measurements were made using a part soldered to FR-4 material.
4 tSAMPLE/24 is based on the number of bits divided by 2 because the delays are based on half duty cycles.
5 RESET edge to rising 4LO edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com