Electronic Components Datasheet Search
  English  ▼

X  

AD9277 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9277
Description  Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9277 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9277 Datasheet HTML 13Page - Analog Devices AD9277 Datasheet HTML 14Page - Analog Devices AD9277 Datasheet HTML 15Page - Analog Devices AD9277 Datasheet HTML 16Page - Analog Devices AD9277 Datasheet HTML 17Page - Analog Devices AD9277 Datasheet HTML 18Page - Analog Devices AD9277 Datasheet HTML 19Page - Analog Devices AD9277 Datasheet HTML 20Page - Analog Devices AD9277 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
AD9277
Rev. 0 | Page 16 of 48
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
02
46
8
10
12
14
16
INPUT FREQUENCY (MHz)
GAIN+ = 1.6V
GAIN+ = 1.0V
GAIN+ = 0.4V
Figure 17. Second-Order Harmonic Distortion vs. Frequency, AIN = −1.0 dBFS
–80
–90
–70
–60
–50
–40
–30
–20
–10
0
0
2
4
6
8
10
12
14
16
INPUT FREQUENCY (MHz)
GAIN+ = 1.6V
GAIN+ = 1.0V
GAIN+ = 0.4V
Figure 18. Third-Order Harmonic Distortion vs. Frequency, AIN = −1.0 dBFS
–120
–100
–80
–60
–40
–20
0
–50
–40
–30
–20
–10
–45
–35
–25
–15
–5
0
ADC OUTPUT LEVEL (dBFS)
GAIN+ = 1.6V
GAIN+ = 0.8V
GAIN+ = 0V
Figure 19. Second-Order Harmonic Distortion vs. ADC Output Level
–120
–100
–80
–60
–40
–20
0
–40
–45
–50
–35
–30
–25
–20
–15
–10
–5
0
ADC OUTPUT LEVEL (dBFS)
GAIN+ = 1.6V
GAIN+ = 0.8V
GAIN+ = 0V
Figure 20. Third-Order Harmonic Distortion vs. ADC Output Level
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
GAIN+ (V)
8MHz
2.3MHz
5MHz
fIN2 = fIN1 +0.01MHz
fIN1 = –1dBFS, fIN2 = –21dBFS
Figure 21. IMD3 vs. GAIN+
–120
–100
–80
–60
–40
–20
0
–40
–35
–30
–25
–20
–15
–10
–5
0
AMPLITUDE LEVEL (dBFS)
GAIN+ = 0.8V
GAIN+ = 1.6V
GAIN+ = 0V
fIN1 = 5.00MHz, fIN2 = 5.01MHz
FUND2 LEVEL = FUND1 LEVEL – 20dB
Figure 22. IMD3 vs. Amplitude Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com