Electronic Components Datasheet Search
  English  ▼

X  

AD9671KBCZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9671KBCZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671KBCZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9671KBCZ Datasheet HTML 29Page - Analog Devices AD9671KBCZ Datasheet HTML 30Page - Analog Devices AD9671KBCZ Datasheet HTML 31Page - Analog Devices AD9671KBCZ Datasheet HTML 32Page - Analog Devices AD9671KBCZ Datasheet HTML 33Page - Analog Devices AD9671KBCZ Datasheet HTML 34Page - Analog Devices AD9671KBCZ Datasheet HTML 35Page - Analog Devices AD9671KBCZ Datasheet HTML 36Page - Analog Devices AD9671KBCZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
AD9671
Data Sheet
Rev. A| Page 32 of 60
Link Setup Parameters
The following steps demonstrate how to configure the AD9671
JESD204B interface and the outputs.
1.
Disable lanes before changing the configuration.
2.
Select the converter and lane configuration.
3.
Configure the tail bits and control bits.
4.
Set the lane identification values.
5.
Set the number of frame per multiframe, K.
6.
Enable scramble, SCR.
7.
Set the lane synchronization options.
8.
Verify FCHK, checksum of JESD204B interface parameters.
9.
Set additional digital output configuration options.
10. Reenable lane(s) after configuration.
Disable Lanes
Before modifying the JESD204B link parameters, disable the
link and hold it in reset. This is accomplished by writing a
Logic 1 to Address 0x142, Bit 0.
Converter and Lane Configuration
If the digital demodulator/decimator is disabled, the JESD204B
M parameter (number of converters) is set to 8 (Address 0x153 =
0x07). Otherwise M = 16 when the channel output is complex data.
The lane configuration is set in Address 0x150, Bits[1:0] such
that 00 = one lane per link, 01 = two lanes per link, or 11 = four
lanes per link. The channel data (A to H) is placed on the
JESD204B lanes according Table 16.
Table 16. Channel to JESD204B Lane Mapping
L
SERDOUT1±
SERDOUT2±
SERDOUT3±
SERDOUT4±
1
A, B, C, D, E, F,
G, H
Power-down
Power-down
Power-down
2
A, B, C, D
Power-down
E, F, G, H
Power-down
4
A, B
C, D
E, F
G, H
Configure the Tail Bits and Control Bits
With N’ = 16 and N = 14, two tail bits are available per sample
for transmitting additional information over the JESD204B link.
Tail bits are dummy bits sent over the link to complete the two
octets and do not convey any information about the input signal.
Tail bits can be fixed zeros (default) or pseudorandom numbers
(Address 0x142, Bit 6).
Set Lane Identification Values
JESD204B allows parameters to identify the device and lane.
These parameters are transmitted during the ILAS phase, and they
are accessible in the internal registers.
There are three identification values: device identification
(DID), bank identification (BID), and lane identification (LID).
DID and BID are device specific; therefore, they can be used for
link identification.
Table 17. JESD204B Configurable Identification Values
DID Value
Register, Bits
Value Range
LID (SERDOUT1±)
0x148, [4:0]
0 to 31
LID (SERDOUT2±)
0x149, [4:0]
0 to 31
LID (SERDOUT3±)
0x14A, [4:0]
0 to 31
LID (SERDOUT4±)
0x14B, [4:0]
0 to 31
DID
0x146, [7:0]
0 to 255
BID
0x147, [3:0]
0 to 15
Set Number of Frames per Multiframe, K
Per the JESD204B specification, a multiframe is defined as a group
of K successive frames, where K is between 1 and 32, and it
requires that the number of octets be between 17 and 1024. The
K value is set to 32 by default in Register 0x152, Bits[4:0]. Note
that Register 0x152 represents a value of K − 1.
The K value can be changed; however, it must comply with a
few conditions. The AD9671 uses a fixed value for octets per
frame, F. K must also be a multiple of 4 and conform to the
following equation:
32 ≥ K ≥ Ceil (17/F)
The JESD204B specification also requires that the number of
octets per multiframe (K × F) be between 17 and 1024. The F
value is fixed based on the value of M and L. F can be read from
Address 0x151.
L
M
F
2
Enable Scramble, SCR
Scrambling can be enabled or disabled by setting Address 0x150,
Bit 7. By default, scrambling is enabled. Per the JESD204B protocol,
scrambling is only functional after the lane synchronization is
complete.
Set Lane Synchronization Options
Most of the synchronization features of the JESD204B interface
are enabled by default for typical applications. In some cases,
these features can be disabled or modified as follows.
ILAS enabling is controlled in Address 0x142, Bits[3:2] and is
enabled by default. Optionally, to support some unique instances of
the interfaces (such as NMCDA-SL), the JESD204B interface
can be programmed to either disable the ILAS sequence or
continually repeat the ILAS sequence. Additionally, the ILAS can
be repeated for a fixed count, as programmed in Address 0x145,
Bits[7:0].
The AD9671 has fixed values of some of the JESD204B interface
parameters, and they are as follows:
N’ = 16: number of bits per sample is 16. Read only value
from Address 0x155, Bits[3:0] = 15 (N’ − 1).
CF = 0: number of control words per frame clock cycle per
converter is 0, in Address 0x157, Bits[4:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com