Electronic Components Datasheet Search
  English  ▼

X  

AD9671KBCZ Datasheet(PDF) 51 Page - Analog Devices

Part # AD9671KBCZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671KBCZ Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9671KBCZ Datasheet HTML 47Page - Analog Devices AD9671KBCZ Datasheet HTML 48Page - Analog Devices AD9671KBCZ Datasheet HTML 49Page - Analog Devices AD9671KBCZ Datasheet HTML 50Page - Analog Devices AD9671KBCZ Datasheet HTML 51Page - Analog Devices AD9671KBCZ Datasheet HTML 52Page - Analog Devices AD9671KBCZ Datasheet HTML 53Page - Analog Devices AD9671KBCZ Datasheet HTML 54Page - Analog Devices AD9671KBCZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
AD9671
Data Sheet
Rev. A| Page 50 of 60
Addr.
(Hex)
Register
Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
Comments
0x00F
FLEX_
CHANNEL_
INPUT
Filter cutoff frequency control
0 0000 = 1.45 × (1/3) × fSAMPLE
0 0001 = 1.25 × (1/3) × fSAMPLE
0 0010 = 1.13 × (1/3) × fSAMPLE
0 0011 = 1.0 × (1/3) × fSAMPLE (default)
0 0100 = 0.9 × (1/3) × fSAMPLE
0 0101 = 0.8 × (1/3) × fSAMPLE
0 0110 = 0.75 × (1/3) × fSAMPLE
0 0111 = not applicable
0 1000 = 1.45 × (1/4.5) × fSAMPLE
0 1001 = 1.25 × (1/4.5) × fSAMPLE
0 1010 = 1.13 × (1/4.5) × fSAMPLE
0 1011 = 1.0 × (1/4.5) × fSAMPLE
0 1100 = 0.9 × (1/4.5) × fSAMPLE
0 1101 = 0.8 × (1/4.5) × fSAMPLE
0 1110 = 0.75 × (1/4.5) × fSAMPLE
0 1111 = not applicable
1 0000 = 1.45 × (1/6) × fSAMPLE
1 0001 = 1.25 × (1/6) × fSAMPLE
1 0010 = 1.13 × (1/6) × fSAMPLE
1 0011 = 1.0 × (1/6) × fSAMPLE
1 0100 = 0.9 × (1/6) × fSAMPLE
1 0101 = 0.8 × (1/6) × fSAMPLE
1 0110 = 0.75 × (1/6) × fSAMPLE
1 0111 = not applicable
BW mode
0 = low
(default,
8 MHz to
18 MHz)
1 = high
(13.5 MHz
to 30 MHz)
X
X
0x18
Antialiasing
filter cutoff
(global).
0x010
FLEX_
OFFSET
X
X
1
0
0
0
0
0
0x20
Reserved.
0x011
FLEX_
GAIN
Digital VGA gain control
0000 = GAIN± pins enabled (default)
0001 = 0.0 dB (maximum gain, GAIN± pins disabled)
0010 = −3.5 dB
0011 = −7.0 dB
…
1110 = −45 dB
1111 = reserved (do not use)
PGA gain
00 = 21 dB
01 = 24 dB (default)
10 = 27 dB
11 = 30 dB
LNA gain
00 = 15.6 dB
01 = 17.9 dB
10 = 21.6 dB
(default)
11 = reserved
0x06
LNA and PGA
gain
adjustment
(global).
0x012
BIAS_
CURRENT
X
X
X
X
1
PGA bias
0 =100%
(default)
1 = 60%
LNA bias
00 = high
01 = midhigh (default)
10 = midlow
11 = low
0x09
LNA bias
current
adjustment
(global).
0x013
RESERVED_
13
0
0
0
0
0
0
0
0
0x00
Reserved.
0x014
OUTPUT_
MODE
X
X
X
Output
data
enable
0 =
enable
(default)
1 =
disable
X
Output data
invert
0 = disable
(default)
1 = enable
Output data format
00 = offset binary
01 = twos complement
(default)
10 = gray code
11 = reserved
0x01
Data output
modes (local).
0x015
OUTPUT_
ADJUST
X
CML output drive level adjustment
000 = reserved
001 = reserved
010 = 368 mV
011 = reserved
100 = 293 mV
101 = 286 mV
110 = 262 mV (default)
111 = 238 mV
X
X
Output
pre-
emphasis
0 = off
(default)
1 = on
1
0x61
Data output
levels (global).
0x016
RESERVED_
16
X
X
X
X
X
X
X
X
0x00
Reserved
(global).
0x017
RESERVED_
17
X
X
X
X
X
X
X
X
0x00
Reserved
(global).
0x018
FLEX_VREF
X
X
X
X
X
1
0
0
0x04
Reserved
(global).
0x019
USER_
PATT1_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-Defined
Pattern 1, LSB
(global).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com