Electronic Components Datasheet Search
  English  ▼

X  

AD9671KBCZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD9671KBCZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671KBCZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9671KBCZ Datasheet HTML 51Page - Analog Devices AD9671KBCZ Datasheet HTML 52Page - Analog Devices AD9671KBCZ Datasheet HTML 53Page - Analog Devices AD9671KBCZ Datasheet HTML 54Page - Analog Devices AD9671KBCZ Datasheet HTML 55Page - Analog Devices AD9671KBCZ Datasheet HTML 56Page - Analog Devices AD9671KBCZ Datasheet HTML 57Page - Analog Devices AD9671KBCZ Datasheet HTML 58Page - Analog Devices AD9671KBCZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
AD9671
Data Sheet
Rev. A| Page 54 of 60
Addr.
(Hex)
Register
Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
Comments
0x118
DIG_SINE_
TEST_AMP
X
X
X
X
Digital test tone amplitude
0000 = AFULL-SCALE (default)
0001 = AFULL-SCALE/2
0010 = AFULL-SCALE/22
…
1111 = AFULL-SCALE/215
0x00
Digital sine
test tone
amplitude
(global).
0x119
DIG_SINE_
TEST_
OFFSET
Offset multiplier (a)
0 1111 = 15
0 1110 = 14
…
0 0000 = 0 (default)
1 1111 = −1
…
1 0000 = −16
Offset exponent (b)
000 = 0 (default)
001 = 1
…
111 = 7
0x00
Digital sine
test tone
offset (global).
Offset = AFULL-SCALE × a × 2−(13 − b)
Offset range is ~0.5 dB
Maximum positive offset = 15 × 2−(13 − 7) = 0.25 × AFULL-SCALE
Maximum negative offset = −16 × 2−(13 − 7) ≈ −0.25 × AFULL-SCALE
0x11A
TEST_
MODE_
CH_
ENABLE
Ch. H
enable
0 = off
(default)
1 = on
Ch. G
enable
0 = off
(default)
1 = on
Ch. F
enable
0 = off
(default)
1 = on
Ch. E
enable
0 = off
(default)
1 = on
Ch. D
enable
0 = off
(default)
1 = on
Ch. C
enable
0 = off
(default)
1 = on
Ch. B
enable
0 = off
(default)
1 = on
Ch. A
enable
0 = off
(default)
1 = on
0x00
Enable
channels for
test mode
(global).
0x11B
TEST_
MODE_
CONFIG
X
X
X
X
X
Datapath test mode selection
000 = disable test modes (default)
001 = enable digital sine test mode
010 = enable decimator filter test
(output of decimator is the sequence of
filter coefficients)
011 = enable channel ID test mode
(16-bit data = digital ramp (7 bits) + I/Q bit
+ Channel ID (3 bits) + Chip Address (5 bits)
100 = enable analog test tone
101 = reserved
…
111 = reserved
0x00
Enable digital
test modes
(local).
0x11C
RESERVED_
11C
0
0
0
0
0
0
0
0
0x00
Reserved.
0x11D
RESERVED_
11D
0
0
0
0
0
0
0
0
0x00
Reserved.
0x11E
RESERVED_
11E
0
0
0
0
0
0
0
0
0x00
Reserved.
0x11F
RESERVED_
11F
0
0
0
0
0
0
0
0
0x00
Reserved.
0x120
CW_TEST_
TONE
0
CW I/Q
output
swap
0 = disable
(default)
1 = enable
LNA offset
cancel-
lation
0 = enable
(default)
1 = disable
LNA offset cancellation
transconductance
00 = 0.5 mS (default)
01 = 1.0 mS
10 = 1.5 mS
11 = 2.0 mS
CW analog test tone
override for Reg. 0x116,
Bits[1:0]
00 = disable override
(default)
01 = set analog test tone
frequency to fLO
1X = set analog test tone
frequency to dc
0
0x00
Sets the
frequency of
the analog test
tone to fLO in
CW Doppler
mode; enables
I/Q output
swap; LNA
offset cancel-
lation control
(global).
0x142
JTX_LINK_
CTRL1
JESD204B
power
during
standby
0 = remain
powered
up
(default)
1 = power-
down
JESD204B
tail bit
value
0 = zeros
(default)
1: PN
sequence
JESD204B
test mode
enable
0 = disable
(default)
1 = enable
JESD204B
lane sync
enable
0 =
disable
(default)
1 =
enable
JESD204B ILAS enable
00 = disable (default)
01 = enable
10 = always on, test
mode
11 = reserved
JESD204B
serial
frame
alignment
character
insertion
(FACI)
disable
0: FACI
enabled
1: FACI
disabled
Power down
JESD204B
link
0 = link
enabled
(default)
1 = link
powered
down
0x00
JESD204B
configuration
(global).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com