Electronic Components Datasheet Search
  English  ▼

X  

AD9671KBCZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD9671KBCZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671KBCZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9671KBCZ Datasheet HTML 49Page - Analog Devices AD9671KBCZ Datasheet HTML 50Page - Analog Devices AD9671KBCZ Datasheet HTML 51Page - Analog Devices AD9671KBCZ Datasheet HTML 52Page - Analog Devices AD9671KBCZ Datasheet HTML 53Page - Analog Devices AD9671KBCZ Datasheet HTML 54Page - Analog Devices AD9671KBCZ Datasheet HTML 55Page - Analog Devices AD9671KBCZ Datasheet HTML 56Page - Analog Devices AD9671KBCZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 61 page
background image
AD9671
Data Sheet
Rev. A| Page 52 of 60
Addr.
(Hex)
Register
Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
Comments
0x02E
CW_LO_
MODE
Enable
JESD dur-
ing CW
0: JESD
link
disabled
during CW
(default)
1: JESD
link
enabled
during CW
(switching
activity
can de-
grade CW
per-
formance)
RESET±
with
MLO±
clock edge
0 =
synchro-
nous
(default)
1 =
asynchro-
nous
Synchro-
nous
RESET±
sampling
MLO±
clock edge
0 = falling
(default)
1 = rising
RESET±
polarity
0 =
active
high
(default)
1 =
active
low
MLO± and
RESET±
buffer
enable (in
all modes
except CW
mode)
0 = power-
down
(default)
1 = enable
LO mode
00X = 4LO, 3rd to 5th odd harmonic
rejection (default)
010 = 8LO, 3rd to 5th odd harmonic
rejection
011 = 8LO, 3rd to 13th odd harmonic
rejection
100 = 16LO, 3rd to 5th odd harmonic
rejection
101 = 16LO, 3rd to 13th odd harmonic
rejection
11X = reserved
0x00
CW mode
functions
(global).
0x02F
CW_
OUTPUT
CW output
dc bias
voltage
0 = bypass
1 = enable
(default)
0
0
0
0
0
0
0
0x80
Global.
0x102
RESERVED_
102
0
0
0
0
0
0
0
0
0X00
Reserved.
0x103
RESERVED_
103
0
0
0
0
0
0
0
0
0X00
Reserved.
0x104
RESERVED_
104
0
0
1
1
1
1
1
1
0x3F
Reserved.
0x105
RESERVED_
105
0
0
0
0
0
0
0
0
0x00
Reserved.
0x106
RESERVED_
106
0
0
0
0
0
0
0
0
0x00
Reserved.
0x107
RESERVED_
107
0
0
0
0
0
0
X
X
Read
only
Reserved.
0x108
RESERVED_
108
0
0
0
0
0
0
0
0
0x00
Reserved.
0x109
VGA_TEST
X
X
X
VGA/
AAF test
enable
0 = off
(default)
1 = on
X
VGA/AAF output test mode
000 = Channel A (default)
001 = Channel B
010 = Channel C
011 = Channel D
100 = Channel E
101 = Channel F
110 = Channel G
111 = Channel H
0x00
VGA/AAF test
mode enables
AAF output to
the GPO2/
GPO3 pins
(global).
0x10C
PROFILE_
INDEX
X
X
Manual
TX_TRIG
signal
0 = off,
use pin
(default)
1 = on,
auto-
generate
TX_TRIG
(self clears)
Profile index[4:0]
0x00
Index for
profile
memory
selects active
profile
(global).
0x10D
RESERVED_
10D
1
1
1
1
1
1
1
1
0xFF
Reserved.
0x10E
RESERVED_
10E
1
1
1
1
1
1
1
1
0xFF
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com