Electronic Components Datasheet Search
  English  ▼

X  

DA9022 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # DA9022
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9022 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button DA9022 Datasheet HTML 35Page - Dialog Semiconductor DA9022 Datasheet HTML 36Page - Dialog Semiconductor DA9022 Datasheet HTML 37Page - Dialog Semiconductor DA9022 Datasheet HTML 38Page - Dialog Semiconductor DA9022 Datasheet HTML 39Page - Dialog Semiconductor DA9022 Datasheet HTML 40Page - Dialog Semiconductor DA9022 Datasheet HTML 41Page - Dialog Semiconductor DA9022 Datasheet HTML 42Page - Dialog Semiconductor DA9022 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
39 of 142
© 2017 Dialog Semiconductor
8.9.4
Charger detection circuit
Table 28: Charger detection circuit
Supply mode
Symbol
Test conditions
Min
Typ
Max
Unit
Charger detect threshold
VCH_DET
4.25
4.35
4.4
V
Charger current limit reduction
threshold
VCHG_THR
(configurable)
3.7
3.8
4.35
V
Charger insertion debounce time
VCHG_INS_DEB
10
ms
VBUS, excess voltage threshold
VCHG_EXCESS
5.5
5.6
5.8
V
8.9.5
VBUS charge control
Table 29: VBUS charge control
Supply mode
Symbol
Test conditions
Min
Typ
Max
Unit
VBUS load in low
power SUSPEND
mode
IVBUS_SUSPEND
0
V ≤ VBUS ≤ 5.25 V
TAVG = <1 s, no spikes higher
than 100 mA
500
µA
8.9.6
Charge timer
Table 30: Charge timer
Supply
mode
Symbol
Test conditions
Min
Typ
Max
Unit
Total
charging
timer
setting
TCTR
Total charge time is defined as the total charge time
from when the charger was enabled (both for LINEAR
and PRE-CHARGE mode charging). If the timer
expires, the CHG_TO flag is set in the EVENT register,
an IRQ issued and the charging is disabled. The
default TCTR setting is 0x0A. Setting the TCTR to
0x00 disables the timer.
0
30
450
min
Read back
of current
timer value
CHG_TIME
This register can be used to read back the current
value of the charge time counter, counting down from
the value loaded by the TCTR
0
2
510
min
8.9.7
DCCC and active-diode
Table 31: DCCC and active-diode
Supply mode
Symbol
Test conditions
Min
Typ
Max
Unit
Active diode on resistance
RON
VBAT=3.6 V I=500 mA
incl pin and routing
0.14
Ω
Circuit activation voltage
VBAT - VDDOUT
10
20
40
mV
Maximum diode current
IDMAX
2.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com