Electronic Components Datasheet Search
  English  ▼

X  

DA9022 Datasheet(PDF) 49 Page - Dialog Semiconductor

Part # DA9022
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9022 Datasheet(HTML) 49 Page - Dialog Semiconductor

Back Button DA9022 Datasheet HTML 45Page - Dialog Semiconductor DA9022 Datasheet HTML 46Page - Dialog Semiconductor DA9022 Datasheet HTML 47Page - Dialog Semiconductor DA9022 Datasheet HTML 48Page - Dialog Semiconductor DA9022 Datasheet HTML 49Page - Dialog Semiconductor DA9022 Datasheet HTML 50Page - Dialog Semiconductor DA9022 Datasheet HTML 51Page - Dialog Semiconductor DA9022 Datasheet HTML 52Page - Dialog Semiconductor DA9022 Datasheet HTML 53Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
49 of 142
© 2017 Dialog Semiconductor
12 Control interfaces
The DA9021/22 is completely software controlled from the host by registers. DA9021/22 offers two
independent serial control interfaces to access these registers. The communication via the main
power manager interface is selectable to be either a 2-wire or a 4-wire connection (I
2C or SPI
compliant). The alternate interface is fixed towards a 2-wire bus. Data is shifted in to or out from
DA9021/22 under the control of the host processor that also provides the serial clock.
12.1 Power manager interface (4-wire and 2-wire control bus)
This is the dedicated power control interface from the primary host processor. In 4-wire mode the
interface uses a chip-select line (nCS/nSS), a clock line (SK), data input (SI) and data output line
(SO).
12.2 4-wire communication
In 4-wire mode the DA9021/22 register map is split into two pages with each page containing up to
128 registers. The register at address zero on each page is used as a page control register. The
default active page after reset includes registers R1 to R127. Writing to the page control register
changes the active page for all subsequent read/write operations. After modifying the active page it is
recommended to read back the page control register to ensure that future data exchange is
accessing the intended registers.
The 4-wire interface features a half-duplex operation (data can be transmitted and received within a
single 16-bit frame) at enhanced clock speed (up to 14 MHz). It operates at the provided host clock
frequencies.
DA9021
(slave)
Host
processor
SK
SO
SI
nCS/nSS
nCS/nSS
SI
SK
SO
nCS/nSS
VDDIO
VDDIO
VDDIO
Slave device
SI
SK
SO
nCS/nSS
VDDIO
4-WIRE interface
Host
processor
DA9021
Peripheral
device
SO
SK
Peripheral
device
SDA
SCL
SCL
SDA
VDDIO
VDDIO
2-WIRE interface
Figure 24: Schematic of 4-wire and 2-wire power manager bus
A transmission begins when initiated by the host. Reading and writing is accomplished by the use of
an 8-bit command, which is sent by the host prior to the exchanged 8-bit data. The byte from the host
begins shifting in on the SI pin under the control of the serial clock SK provided from the host. The
first 7 bits specify the register address (0 to 127, decimal) which will be written or read by the host.
The register address is automatically decoded after receiving the seventh address bit. The command
word ends with an R/W bit, which specifies the direction of the following data exchange.
During register writing the host continues sending out data during the following 8 SK clocks. For
reading the host stops transmitting and the 8-bit register is clocked out of DA9021/22 during the
consecutive eight SK clocks of the frame. Address and data are transmitted with MSB first. nCS
resets the interface when inactive and it has to be released between successive cycles.
The SO output from DA9021/22 is normally in high-impedance state and active only during the
second half of read cycles. A pull-up or pull-down resistor may be needed at the SO line if a floating
logic signal is causing unintended current consumption inside other circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com