Electronic Components Datasheet Search
  English  ▼

X  

DA9022 Datasheet(PDF) 97 Page - Dialog Semiconductor

Part # DA9022
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9022 Datasheet(HTML) 97 Page - Dialog Semiconductor

Back Button DA9022 Datasheet HTML 93Page - Dialog Semiconductor DA9022 Datasheet HTML 94Page - Dialog Semiconductor DA9022 Datasheet HTML 95Page - Dialog Semiconductor DA9022 Datasheet HTML 96Page - Dialog Semiconductor DA9022 Datasheet HTML 97Page - Dialog Semiconductor DA9022 Datasheet HTML 98Page - Dialog Semiconductor DA9022 Datasheet HTML 99Page - Dialog Semiconductor DA9022 Datasheet HTML 100Page - Dialog Semiconductor DA9022 Datasheet HTML 101Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
97 of 142
© 2017 Dialog Semiconductor
Register
address
Bit
Type
Label
Default
Description
01111: 1.350 V
10000: 1.400 V
10001: 1.450 V
10010: 1.500 V
10011: 1.550 V
10100: 1.600 V
10101: 1.650 V
10110: 1.700 V
10111: 1.750 V
11000: 1.800 V
>11000: 1.800 V
6
R/W
LDO1_EN
0
0: LDO1 disabled
1: LDO1 enabled
7
R/W
LDO1_CO
NF
0
0: Supply voltage immediate change
1: Supply voltage preset (activated during
power down sequence instead of disable)
Table 88: RESERVED
Register
address
Bit
Type
Label
Default
Description
R51
7:0
R/W
0000000
0
RESERVED
Table 89: LDO3
Register
address
Bit
Type
Label
Default
Description
R52
LDO3
5:0
R/W
VLDO3
101101
000000: 1.725 V
000001: 1.750 V
000010: 1.775 V
000011: 1.800 V
000100: 1.825 V
…
010110: 2.275 V
010111: 2.300 V
011000: 2.325 V
011001: 2.350 V
011010: 2.375 V
011011: 2.400 V
011100: 2.425 V
011101: 2.450 V
011110: 2.475 V
011111: 2.500 V
100000: 2.525 V
100001: 2.550 V
100010: 2.575 V
100011: 2.600 V
100100: 2.625 V
100101: 2.650 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com