Electronic Components Datasheet Search
  English  ▼

X  

DA9022 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # DA9022
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9022 Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button DA9022 Datasheet HTML 33Page - Dialog Semiconductor DA9022 Datasheet HTML 34Page - Dialog Semiconductor DA9022 Datasheet HTML 35Page - Dialog Semiconductor DA9022 Datasheet HTML 36Page - Dialog Semiconductor DA9022 Datasheet HTML 37Page - Dialog Semiconductor DA9022 Datasheet HTML 38Page - Dialog Semiconductor DA9022 Datasheet HTML 39Page - Dialog Semiconductor DA9022 Datasheet HTML 40Page - Dialog Semiconductor DA9022 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
37 of 142
© 2017 Dialog Semiconductor
8.9
Battery charger
Table 24: Battery charger
Supply mode
Symbol
Test conditions
Min
Typ
Max
Unit
VBUS
VUSB
4.4
5.5
V
USB2.0 host/hub
mode (default)
ISET_USB
70
Note
1
1300
mA
Note 1
Programmable in 10 mA increments from 70 mA to 120 mA and 100 mA increments from 400 mA to
1300 mA
8.9.1
Charger buck
Table 25: Charger buck
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Input voltage
VCENTER
4.4
5.6
V
Output capacitor
COUT
30
μF
ESR of output
capacitor
f > 100 kHz
20
mΩ
Inductor value
LBUCK
-30 %
4.7
+30 %
µH
Inductor resistance
RESR
f = 1 MHz
100
150
mΩ
Output voltage
VDDOUT
IOUT= 1000 mA
3.6
VBAT +
200 mV
V
Ripple voltage
IOUT = 1000 mA
10
mV
Line regulation
transient
VTRLINE
VBUS_PROT = 4.4 V -
5.5 V,
IOUT = 1000 mA
tr = tf = 10 µs
10
mV
Output current
IMAX
1300
mA
Current limitation
ILIM
2-wire programmable
(different step sizes for
different ranges)
70
1300
mA
Quiescent current in
OFF mode
1
μA
Quiescent current in
synchronous
rectification mode
5
mA
F_BUCK
Frequency of
operation
2
MHz
Switching duty cycle
10
100
%
Ton
Turn on time
2.2
m
Efficiency
IOUT = 1000 mA
VBUS_PROT = 5 V
85
90
%
R_PMOS
PMOS on resistance
incl. pin and routing
0.08
0.15
0.2
Ω
R_NMOS
NMOS on resistance
incl. pin and routing
0.15
0.25
0.3
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com