Electronic Components Datasheet Search
  English  ▼

X  

DA9022 Datasheet(PDF) 68 Page - Dialog Semiconductor

Part # DA9022
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9022 Datasheet(HTML) 68 Page - Dialog Semiconductor

Back Button DA9022 Datasheet HTML 64Page - Dialog Semiconductor DA9022 Datasheet HTML 65Page - Dialog Semiconductor DA9022 Datasheet HTML 66Page - Dialog Semiconductor DA9022 Datasheet HTML 67Page - Dialog Semiconductor DA9022 Datasheet HTML 68Page - Dialog Semiconductor DA9022 Datasheet HTML 69Page - Dialog Semiconductor DA9022 Datasheet HTML 70Page - Dialog Semiconductor DA9022 Datasheet HTML 71Page - Dialog Semiconductor DA9022 Datasheet HTML 72Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
68 of 142
© 2017 Dialog Semiconductor
The nIRQ line will be released only when all events have been cleared from the host processor by
writing a ‘1’ to each asserted event bit (to prohibit missing events it is recommended to clear event
bits individually).
Table 47: FAULT_LOG
Register
address
Bit
Type
Label
Default
Description
R9
FAULT_LOG
0
R
1
R
VDD_FAULT
1
Power down by VDDOUT under voltage
detect
2
R
VDD_START
0
Power down by VDDOUT under voltage
detect within 10 s from releasing
nRESET
3
R
TEMP_OVER
0
Junction over temperature detected
4
R
5
R
KEY_SHUT
0
Power down by a long press of the
nONKEY or GPI14 and GPI15 in parallel
6
R
nSD_SHUT
0
Power down by assertion of port
nSHUTDOWN
7
R
WAIT_SHUT
0
Power down by time out of ID
WAIT_STEP
Table 48: IRQ_MASK_A
Register
address
Bit
Type
Label
Default
Description
R10
IRQ_MASK_A
0
R/W
1
RESERVED
1
R/W
M_VBUS_VLD
0
Mask VBUS 4.4 V detection caused
nIRQ
2
R/W
1
RESERVED
3
R/W
M_VBUS_REM
0
Mask VBUS removal caused nIRQ
4
R/W
M_VDD_LOW
0
Mask VDDOUT low caused nIRQ
5
R/W
M_ALARM
0
Mask RTC alarm caused nIRQ
6
R/W
M_SEQ_RDY
0
Mask Sequencer reached stop position
caused nIRQ
7
R/W
M_COMP_1V2
0
Mask 1.2 V comparator caused nIRQ
Table 49: IRQ_MASK_B
Register
address
Bit
Type
Label
Default
Description
R11
IRQ_MASK_B
0
R/W
M_nONKEY
0
Mask nONKEY caused nIRQ
1
R/W
1
RESERVED
2
R/W
1
RESERVED
3
R/W
M_CHG_END
0
Mask battery charging complete caused
nIRQ
4
R/W
M_TBAT
0
Mask battery over / under temp caused
nIRQ
5
R/W
M_ADC_EOM
0
Mask ADC manual conversion result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com