Electronic Components Datasheet Search
  English  ▼

X  

AD603 Datasheet(PDF) 10 Page - Analog Devices

Part # AD603
Description  Low Noise, 90 MHz Variable Gain Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD603 Datasheet HTML 6Page - Analog Devices AD603 Datasheet HTML 7Page - Analog Devices AD603 Datasheet HTML 8Page - Analog Devices AD603 Datasheet HTML 9Page - Analog Devices AD603 Datasheet HTML 10Page - Analog Devices AD603 Datasheet HTML 11Page - Analog Devices AD603 Datasheet HTML 12Page - Analog Devices AD603 Datasheet HTML 13Page - Analog Devices AD603 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Data Sheet
AD603
Rev. K | Page 9 of 24
456ns
–44ns
50ns
3.5V
500mV
–1.5V
INPUT GND
100mV/DIV
OUTPUT GND
500mV/DIV
Figure 22. Transient Response, G = 20 dB
(Input Is 500 ns Period, 50% Duty-Cycle Square Wave,
Output Is Captured Using Tektronix 11402 Digitizing Oscilloscope)
FREQUENCY (Hz)
100M
100k
1M
10M
0
–10
–20
–30
–40
–50
–60
Figure 23. PSRR vs. Frequency
(Worst Case Is Negative Supply PSRR, Shown Here)
GAIN (dB)
30
20
21
22
23
24
25
26
27
28
29
23
21
19
17
15
13
11
9
7
5
TA = 25°C
RS = 50V
TEST SETUP FIGURE 23
70MHz
30MHz
50MHz
10MHz
Figure 24. Noise Figure in −10 dB/+30 dB Mode
GAIN (dB)
40
30
31
32
33
34
35
36
37
38
39
21
17
19
15
11
13
7
9
5
TA = 25°C
RS = 50Ω
TEST SETUP FIGURE 23
20MHz
10MHz
Figure 25. Noise Figure in 0 dB/40 dB Mode
INPUT FREQUENCY (MHz)
70
10
30
50
0
–5
–10
–15
–20
–25
TA = 25°C
TEST SETUP FIGURE 23
Figure 26. 1 dB Compression Point, −10 dB/+30 dB Mode, Gain = 30 dB
INPUT LEVEL (dBm)
0
–20
–10
20
18
16
12
14
10
0
TA = 25°C
TEST SETUP FIGURE 23
30MHz
40MHz
70MHz
Figure 27. Third-Order Intercept −10 dB/+30 dB Mode, Gain = 10 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com