Electronic Components Datasheet Search
  English  ▼

X  

AD603 Datasheet(PDF) 18 Page - Analog Devices

Part # AD603
Description  Low Noise, 90 MHz Variable Gain Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD603 Datasheet HTML 14Page - Analog Devices AD603 Datasheet HTML 15Page - Analog Devices AD603 Datasheet HTML 16Page - Analog Devices AD603 Datasheet HTML 17Page - Analog Devices AD603 Datasheet HTML 18Page - Analog Devices AD603 Datasheet HTML 19Page - Analog Devices AD603 Datasheet HTML 20Page - Analog Devices AD603 Datasheet HTML 21Page - Analog Devices AD603 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Data Sheet
AD603
Rev. K | Page 17 of 24
connected to the control voltage and the GNEW inputs are
grounded. The gain scaling is then doubled to 80 dB/V,
requiring only a 1.00 V change for an 80 dB change of gain
Gain = (dB) = 80 VG + GO
(4)
where, as before, GO depends on the range selected; for example,
in the maximum bandwidth mode, GO is 20 dB. Alternatively,
the GNEG pins may be connected to an offset voltage of
0.500 V, in which case GO is −20 dB.
The amplitude of the gain ripple in this case is also doubled, as
shown in Figure 45, while the ISNR at the output of A2 now
decreases linearly as the gain increases, as shown in Figure 46.
VC (V)
2.2
–0.2
0
0.2
0.4
0.6
1.0
1.2
0.8
1.6
1.8
2.0
1.4
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
Figure 45. Gain Error for Cascaded Stages—Parallel Control
VC (V)
1.2
–0.2
0
0.2
0.4
0.6
0.8
1.0
90
80
85
75
65
70
55
60
50
Figure 46. ISNR for Cascaded Stages—Parallel Control
LOW GAIN RIPPLE MODE (MINIMUM GAIN ERROR)
As can be seen in Figure 44 and Figure 45, the error in the gain
is periodic, that is, it shows a small ripple. (Note that there is
also a variation in the output offset voltage, which is due to the
gain interpolation, but this is not exact in amplitude.) By
offsetting the gains of A1 and A2 by half the period of the ripple,
that is, by 3 dB, the residual gain errors of the two amplifiers
can be made to cancel. Figure 47 shows much lower gain ripple
when configured in this manner. Figure 48 plots the ISNR as a
function of gain; it is very similar to that in the parallel mode.
VC (V)
1.1
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
3.0
2.5
2.0
1.5
1.0
0.5
–0.5
–1.0
0
–1.5
–2.0
–2.5
–3.0
Figure 47. Gain Error for Cascaded Stages—Low Ripple Mode
VC (V)
1.2
–0.2
0
0.2
0.4
0.6
0.8
1.0
90
85
80
75
70
65
60
55
50
Figure 48. ISNR vs. Control Voltage—Low Ripple Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com