Electronic Components Datasheet Search
  English  ▼

X  

AD603 Datasheet(PDF) 12 Page - Analog Devices

Part # AD603
Description  Low Noise, 90 MHz Variable Gain Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD603 Datasheet HTML 8Page - Analog Devices AD603 Datasheet HTML 9Page - Analog Devices AD603 Datasheet HTML 10Page - Analog Devices AD603 Datasheet HTML 11Page - Analog Devices AD603 Datasheet HTML 12Page - Analog Devices AD603 Datasheet HTML 13Page - Analog Devices AD603 Datasheet HTML 14Page - Analog Devices AD603 Datasheet HTML 15Page - Analog Devices AD603 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Data Sheet
AD603
Rev. K | Page 11 of 24
TEST CIRCUITS
DATEL
DVC 8500
HP3326A
DUAL-
CHANNEL
SYNTHESIZER
100Ω
+5V
51
1Ω
10×
PROBE
HP3585A
SPECTRUM
ANALYZER
0.1µF
AD603
8
5
4
7
3
6
1
2
–5V
0.1µF
Figure 29. Third-Order Intermodulation Distortion Test Setup
DATEL
DVC 8500
HP3326A
DUAL-
CHANNEL
SYNTHESIZER
100
Ω
+5V
50
Ω
HP3585A
SPECTRUM
ANALYZER
0.1µF
AD603
8
5
4
7
3
6
1
2
–5V
0.1µF
Figure 30. Test Setup Used for: Noise Figure, Third-Order Intercept, and
1 dB Compression Point Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com