Electronic Components Datasheet Search
  English  ▼

X  

AD603 Datasheet(PDF) 16 Page - Analog Devices

Part # AD603
Description  Low Noise, 90 MHz Variable Gain Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD603 Datasheet HTML 12Page - Analog Devices AD603 Datasheet HTML 13Page - Analog Devices AD603 Datasheet HTML 14Page - Analog Devices AD603 Datasheet HTML 15Page - Analog Devices AD603 Datasheet HTML 16Page - Analog Devices AD603 Datasheet HTML 17Page - Analog Devices AD603 Datasheet HTML 18Page - Analog Devices AD603 Datasheet HTML 19Page - Analog Devices AD603 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Data Sheet
AD603
Rev. K | Page 15 of 24
USING THE AD603 IN CASCADE
Two or more AD603s can be connected in series to achieve
higher gain. Invariably, ac coupling must be used to prevent the
dc offset voltage at the output of each amplifier from overloading
the following amplifier at maximum gain. The required high-
pass coupling network is usually just a capacitor, chosen to set
the desired corner frequency in conjunction with the well-
defined 100 Ω input resistance of the following amplifier.
For two AD603s, the total gain control range becomes 84 dB
(2 × 42.14 dB); the overall −3 dB bandwidth of cascaded stages
is somewhat reduced. Depending on the pin strapping, the gain
and bandwidth for two cascaded amplifiers can range from
−22 dB to +62 dB (with a bandwidth of about 70 MHz) to
+22 dB to +102 dB (with a bandwidth of about 6 MHz).
There are several ways of connecting the gain control inputs
in cascaded operation. The choice depends on whether it is
important to achieve the highest possible instantaneous signal-
to-noise ratio (ISNR), or, alternatively, to minimize the ripple
in the gain error. The following examples feature the AD603
programmed for maximum bandwidth; the explanations apply
to other gain/bandwidth combinations with appropriate
changes to the arrangements for setting the maximum gain.
SEQUENTIAL MODE (OPTIMAL SNR)
In the sequential mode of operation, the ISNR is maintained at
its highest level for as much of the gain control range as possible.
Figure 37 shows the SNR over a gain range of −22 dB to +62 dB,
assuming an output of 1 V rms and a 1 MHz bandwidth. Figure 38,
Figure 39, and Figure 40 show the general connections to
accomplish this. Here, both the positive gain control inputs
(GPOS) are driven in parallel by a positive-only, ground-referenced
source with a range of 0 V to 2 V, while the negative gain
control inputs (GNEG) are biased by stable voltages to provide
the needed gain offsets. These voltages may be provided by
resistive dividers operating from a common voltage reference.
VC (V)
2.2
–0.2
0.6
0.2
1.4
1.0
1.8
90
80
85
70
75
65
55
60
50
Figure 37. SNR vs. Control Voltage, Sequential Control (1 MHz Bandwidth)
31.07dB
–42.14dB
GPOS
GNEG
31.07dB
–42.14dB
GPOS
GNEG
–40.00dB
–51.07dB
–8.93dB
INPUT
0dB
VC = 0V
VG1
VG2
VO1 = 0.473V
VO2 = 1.526V
OUTPUT
–20dB
A2
A1
Figure 38. AD603 Gain Control Input Calculations for Sequential Control Operation VC = 0 V
31.07dB
–42.14dB
GPOS
GNEG
31.07dB
0dB
GPOS
GNEG
0dB
–11.07dB
31.07dB
INPUT
0dB
VC = 1.0V
VG1
VG2
VO1 = 0.473V
VO2 = 1.526V
OUTPUT
20dB
Figure 39. AD603 Gain Control Calculations for Sequential Control Operation VC = 1.0 V
31.07dB
–2.14dB
GPOS
GNEG
31.07dB
0dB
GPOS
GNEG
0dB
–28.93dB
31.07dB
INPUT
0dB
VC = 2.0V
VG1
VG2
VO1 = 0.473V
VO2 = 1.526V
OUTPUT
60dB
Figure 40. AD603 Gain Control Input Calculations for Sequential Operation VC = 2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com