Electronic Components Datasheet Search
  English  ▼

X  

TDA8060ATS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8060ATS
Description  Satellite ZERO-IF QPSK down-converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8060ATS Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8060ATS Datasheet HTML 1Page - NXP Semiconductors TDA8060ATS Datasheet HTML 2Page - NXP Semiconductors TDA8060ATS Datasheet HTML 3Page - NXP Semiconductors TDA8060ATS Datasheet HTML 4Page - NXP Semiconductors TDA8060ATS Datasheet HTML 5Page - NXP Semiconductors TDA8060ATS Datasheet HTML 6Page - NXP Semiconductors TDA8060ATS Datasheet HTML 7Page - NXP Semiconductors TDA8060ATS Datasheet HTML 8Page - NXP Semiconductors TDA8060ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2000 Nov 10
5
Philips Semiconductors
Product specification
Satellite ZERO-IF QPSK down-converter
TDA8060ATS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices.
THERMAL CHARACTERISTICS
DC CHARACTERISTICS
VCC = 4.75 to 5.25 V; Tamb = −20 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
supply voltage
−0.3
+6.0
V
Vi(max)
maximum input voltage on all pins
−0.3
VCC
V
tsc(max)
maximum short-circuit time
−
10
s
Tamb
ambient temperature
−20
+85
°C
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
120
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
4.75
5.00
5.25
V
ICC
supply current
PEN = 5 V
73
83
93
mA
PEN = 0 V
708090mA
Conversion stage
VI(RFA)
DC input voltage on pin RFA
−
0.9
−
V
VI(RFB)
DC input voltage on pin RFB
−
0.9
−
V
VO(IOUT)
DC output voltage on pin IOUT
−
1.85
−
V
VO(QOUT)
DC output voltage on pin QOUT
−
1.85
−
V
Quadrature generator
VO(LOOUT)
DC output voltage on pin LOOUT
−
4.0
−
V
VO(LOOUTC)
DC output voltage on pin LOOUTC
−
4.0
−
V
Baseband stage
VI(IBBIN)
DC input voltage on pin IBBIN
−
2.5
−
V
VI(QBBIN)
DC input voltage on pin QBBIN
−
2.5
−
V
VO(IBBOUT)
DC output voltage on pin IBBOUT
−
2.5
−
V
VO(QBBOUT)
DC output voltage on pin QBBOUT
−
2.5
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com