Electronic Components Datasheet Search
  English  ▼

X  

TDA8060ATS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8060ATS
Description  Satellite ZERO-IF QPSK down-converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8060ATS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8060ATS Datasheet HTML 6Page - NXP Semiconductors TDA8060ATS Datasheet HTML 7Page - NXP Semiconductors TDA8060ATS Datasheet HTML 8Page - NXP Semiconductors TDA8060ATS Datasheet HTML 9Page - NXP Semiconductors TDA8060ATS Datasheet HTML 10Page - NXP Semiconductors TDA8060ATS Datasheet HTML 11Page - NXP Semiconductors TDA8060ATS Datasheet HTML 12Page - NXP Semiconductors TDA8060ATS Datasheet HTML 13Page - NXP Semiconductors TDA8060ATS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2000 Nov 10
10
Philips Semiconductors
Product specification
Satellite ZERO-IF QPSK down-converter
TDA8060ATS
handbook, full pagewidth
FCE414
RF
SOURCE
Vi (dB)
50
Ω
50
Ω
RF
SOURCE
50
Ω
1.5 pF
1.5 pF
RFB
RFA
TDA8060ATS
IOUT
QOUT
IOUT
QOUT
Vo (dB)
high
impedance
probe
Fig.5 Gain control diagram for asymmetrical RF input.
APPLICATION INFORMATION
Close attention should be paid to the design of the external
tank circuit of the VCO so that it covers the
920 to 2200 MHz frequency range. Both series 6
Ω
resistors kill all parasitic oscillations that could alter this
frequency range. The BB835 Siemens varicap diodes are
mentioned because they provide the highest Cmax/Cmin
ratio as well as the least parasitic elements in our
frequency range. The U-shaped inductance can be printed
with a total length of approximately 20 mm.
Filters LP1 and LP2 are not detailed in this data sheet
because their design only depends on the global system.
As the TDA8060ATS has been designed to be compatible
with DVB, DSS and Asian DVB, the cut-off frequencies
and the tolerance in group delay, the orders of the filters
cannot be globally established.
Nevertheless, the TDA8060ATS internally filters the
baseband at 100 MHz and the nominal levels at inputs and
outputs mentioned in the characteristics table should be
respected. The input impedance of LP1 and LP2 must
exceed 400
Ω to avoid signal distortion.
The converter outputs (pin IOUT and pin QOUT) must be
AC-coupled via the low-pass filter to the baseband
amplifiers inputs (pin IBBIN and pin QBBIN). Because of
the high impedance at pin IQBBIN, a 100 nF capacitor
gives a high-pass frequency of 160 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com