Electronic Components Datasheet Search
  English  ▼

X  

TDA8060ATS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8060ATS
Description  Satellite ZERO-IF QPSK down-converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8060ATS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8060ATS Datasheet HTML 4Page - NXP Semiconductors TDA8060ATS Datasheet HTML 5Page - NXP Semiconductors TDA8060ATS Datasheet HTML 6Page - NXP Semiconductors TDA8060ATS Datasheet HTML 7Page - NXP Semiconductors TDA8060ATS Datasheet HTML 8Page - NXP Semiconductors TDA8060ATS Datasheet HTML 9Page - NXP Semiconductors TDA8060ATS Datasheet HTML 10Page - NXP Semiconductors TDA8060ATS Datasheet HTML 11Page - NXP Semiconductors TDA8060ATS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2000 Nov 10
8
Philips Semiconductors
Product specification
Satellite ZERO-IF QPSK down-converter
TDA8060ATS
Notes
1. This parameter is very dependent on the application; the range represents the capacity of the oscillator.
2. Measured in baseband (at pin IOUT or pin QOUT) on a carrier at 2 MHz and 25 dBmV.
3. fLO = 1000 MHz; RF wanted = 1005 MHz; RF unwanted = 2002 MHz (see Fig.3). Done on the demo board
OM5732.
4. Quadrature error with respect to 90
°.
5. The differential input impedance of the IC is 34
Ω in series with the IC pins which give an inductance of 5 nH.
For optimum performance, this inductance should be cancelled by a matching network. Coupling capacitors of 1 pF
give an acceptable result.
6. Gain = Vo(dB) − Vi(dB) (see Fig.4). Gain for symmetrical RF input.
B(−3dB)
channel
−3 dB bandwidth
−
80
−
MHz
Zo
output impedance
−
50
−Ω
Vo(p-p)
output voltage level (peak-to-peak value)
note 8
−
1
−
V
Ro(L)
resistive load at output
400
−−Ω
Overall with a 100 nF capacitor instead of LP1 and LP2
td(g)(I-Q)(40)
group delay mismatch in 40 MHz band
between I and Q
−
0.5
2
ns
td(g)(I-Q)(R40)
group delay ripple in 40 MHz band for I or Q
−
0.5
1
ns
Gv(I-Q)(40)
voltage gain mismatch in 40 MHz band
between I and Q
−−
1dB
GR(I-Q)(40)
voltage gain ripple in 40 MHz band for I or Q
−−
1dB
SYMMETRICAL RF INPUT
Gv(RF-IBBOUT)(min)
minimum voltage gain from RF input to
pin IBBOUT
VAGC = 0.1VCC
−
26
−
dB
Gv(RF-IBBOUT)(max)
maximum voltage gain from RF input to
pin IBBOUT
VAGC = 0.9VCC
−
63
−
dB
Gv(RF-QBBOUT)(min)
minimum voltage gain from RF input to
pin QBBOUT
VAGC = 0.1VCC
−
26
−
dB
Gv(RF-QBBOUT)(max) maximum voltage gain from RF input to
pin QBBOUT
VAGC = 0.9VCC
−
63
−
dB
Fi
noise figure at maximum gain
VAGC = 0.9VCC;
Zsource =50 Ω
−
13
16
dB
ASYMMETRICAL RF INPUT
Gv(RF-IBBOUT)(min)
minimum voltage gain from RF input to
pin IBBOUT
VAGC = 0.1VCC
−
26
−
dB
Gv(RF-IBBOUT)(max)
maximum voltage gain from RF input to
pin IBBOUT
VAGC = 0.9VCC
−
63
−
dB
Gv(RF-QBBOUT)(min)
minimum voltage gain from RF input to
pin QBBOUT
VAGC = 0.1VCC
−
26
−
dB
Gv(RF-QBBOUT)(max) maximum voltage gain from RF input to
pin QBBOUT
VAGC = 0.9VCC
−
63
−
dB
Fi
noise figure at maximum gain
VAGC = 0.9VCC;
Zsource =50 Ω
−
14
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com