Electronic Components Datasheet Search
  English  ▼

X  

TDA8060ATS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8060ATS
Description  Satellite ZERO-IF QPSK down-converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8060ATS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8060ATS Datasheet HTML 2Page - NXP Semiconductors TDA8060ATS Datasheet HTML 3Page - NXP Semiconductors TDA8060ATS Datasheet HTML 4Page - NXP Semiconductors TDA8060ATS Datasheet HTML 5Page - NXP Semiconductors TDA8060ATS Datasheet HTML 6Page - NXP Semiconductors TDA8060ATS Datasheet HTML 7Page - NXP Semiconductors TDA8060ATS Datasheet HTML 8Page - NXP Semiconductors TDA8060ATS Datasheet HTML 9Page - NXP Semiconductors TDA8060ATS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2000 Nov 10
6
Philips Semiconductors
Product specification
Satellite ZERO-IF QPSK down-converter
TDA8060ATS
AC CHARACTERISTICS
Tamb =25 °C; VCC = 5 V; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Quadrature generator
fosc
oscillator frequency
note 1
920
−
2200
MHz
ΦN
osc
oscillator phase noise
at 10 kHz offset;
note 2
−−80
−75
dBc/Hz
∆Φ
absolute quadrature error
note 4
−
0
3
deg
fLOOUT
output frequency
VPEN =0V
−
fosc
−
VPEN =VCC
−
1
⁄
2fosc
−
Vo(diff)(LOOUT)
differential output voltage at pin LOOUT
RL = 100 Ω
differential
−30
−22
−
dBm
R2H
second harmonic rejection
note 3
−
30
−
dBc
Z
o(diff)(LOOUT)
differential output impedance at pin LOOUT
−
60
−Ω
Conversion stage
Ri(diff)
series real part of differential input
impedance at pins RFA and RFB
note 5
−
34
−Ω
Li(diff)
series inductance of differential input
impedance at pins RFA and RFB
note 5
−
5
−
nH
Pi(max)
maximum input power per channel
−−25
−
dBm
Pi(min)
minimum input power per channel
−−62
−60
dBm
∆G
v/∆V(slope)
AGC slope
at Gv(RF-IOUT)(min)
−
30
43
dB/V
∆G
v(I-Q)
voltage gain mismatch between I and Q
−−
1dB
∆t
d(g)(RF-IOUT)
group delay variation per channel (40 MHz)
from RF input to pin IOUT
−
0.5
2
ns
∆t
d(g)(RF-QOUT)
group delay variation per channel (40 MHz)
from RF input to pin QOUT
−
0.5
2
ns
td(g)(I-Q)(40)
group delay mismatch per channel (40 MHz)
between I and Q
−
0
0.5
ns
B(−1dB)(RF-IOUT)
channel
−1 dB bandwidth from RF input to
pin IOUT
−
40
−
MHz
B(−1dB)(RF-QOUT)
channel
−1 dB bandwidth from RF input to
pin QOUT
−
40
−
MHz
B(−3dB)(RF-IOUT)
channel
−3 dB bandwidth from RF input to
pin IOUT
−
70
−
MHz
B(−3dB)(RF-QOUT)
channel
−3 dB bandwidth from RF input to
pin QOUT
−
70
−
MHz
Zo(IOUT)
output impedance at pin IOUT
−
65
−Ω
Zo(QOUT)
output impedance at pin QOUT
−
65
−Ω
Vo(IOUT)
nominal output voltage level at pin IOUT
per channel
−
28
−
dBmV
Vo(QOUT)
nominal output voltage level at pin QOUT
per channel
−
28
−
dBmV
RL(IOUT)
resistive load at pin IOUT
400
−−Ω
RL(QOUT)
resistive load at pin QOUT
400
−−Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com