Electronic Components Datasheet Search
  English  ▼

X  

TDA8060ATS Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8060ATS
Description  Satellite ZERO-IF QPSK down-converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8060ATS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8060ATS Datasheet HTML 7Page - NXP Semiconductors TDA8060ATS Datasheet HTML 8Page - NXP Semiconductors TDA8060ATS Datasheet HTML 9Page - NXP Semiconductors TDA8060ATS Datasheet HTML 10Page - NXP Semiconductors TDA8060ATS Datasheet HTML 11Page - NXP Semiconductors TDA8060ATS Datasheet HTML 12Page - NXP Semiconductors TDA8060ATS Datasheet HTML 13Page - NXP Semiconductors TDA8060ATS Datasheet HTML 14Page - NXP Semiconductors TDA8060ATS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
to PLL
synthesizer IC
Vtune
from PLL synthesizer IC
100 nF
FCE415
ASYM
100 nF
1 pF
100 nF
AMP
AMP
SYM
1 pF
LNA
BASEBAND
STAGE
I CONVERTER
×
100 MHz
ASYM
SYM
Q CONVERTER
×
100 MHz
CONVERSION STAGE
RFA
6
IBBOUT
13
QBBOUT
to
I channel
ADC
to
Q channel
ADC
12
VCC(BB)
9
BBGND
16
RFB
RF
(2)
RF
5
AGC
gain(1)
1
PEN
0 to 5 V
3
QUADRATURE
GENERATOR
STABILIZED LO
PLL AND
AMPLIFIER
OSCILLATOR
DIVIDE-BY-2
TDA8060ATS
10
QOUT
24
LOOUT
23
LOOUTC
19
TKA
20
TKB
VCC(RF)
8
RFGND
7
VCC(MIX)
2
MIXGND
4
VCC(LO)
17
LOGND
18
VCC(DIV)
22
DIVGND
21
11
QBBIN
IOUT
15
IBBIN
14
6
Ω
6
Ω
20
k
Ω
20
k
Ω
1 pF
BB835
(2
×)
LOW-PASS
FILTER(3)
LOW-PASS
FILTER(3)
LOW-PASS
FILTER(3)
LOW-PASS
FILTER(3)
Fig.6 Application diagram.
(1) Gain control voltage; minimum gain at 0.1VCC, maximum gain at 0.9VCC; 30 dB range.
(2) Differential RF input 950 to 2200 MHz; level =
−22 to −52 dBm per channel.
(3) The filter input impedance is 400
Ω minimum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com