Electronic Components Datasheet Search
  English  ▼

X  

SLGC55545 Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # SLGC55545
Description  USB Charging Port Power Switch and Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLGC55545 Datasheet(HTML) 5 Page - Dialog Semiconductor

  SLGC55545 Datasheet HTML 1Page - Dialog Semiconductor SLGC55545 Datasheet HTML 2Page - Dialog Semiconductor SLGC55545 Datasheet HTML 3Page - Dialog Semiconductor SLGC55545 Datasheet HTML 4Page - Dialog Semiconductor SLGC55545 Datasheet HTML 5Page - Dialog Semiconductor SLGC55545 Datasheet HTML 6Page - Dialog Semiconductor SLGC55545 Datasheet HTML 7Page - Dialog Semiconductor SLGC55545 Datasheet HTML 8Page - Dialog Semiconductor SLGC55545 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
000-000C55545-101
Page 5 of 20
SLGC55545
Electrical Characteristics
Conditions are -40 ≤ TJ ≤ 125°C unless otherwise noted. VEN = VIN = 5 V, RFAULT# = RSTATUS# = 10 kΩ, RILIM_L = 80 kΩ, RILIM_H
= 20 k
Ω, ILIM_SEL = VIN, CTL1 = CTL2 = CTL3 = VIN, unless otherwise noted. Positive currents are into pins. Typical values are
at 25°C. All voltages are with respect to GND unless otherwise noted.
Electrical Characteristics - Power Switch
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
Rds ON
Static drain-source on-state
resistance 1
IOUT = 2 A, VILIM_SEL = Logic
High
--
73
--
m
Ω
IOUT = 100 mA, VILIM_SEL = Log-
ic Low
--
73
--
m
Ω
-40°C ≤ TA = TJ ≤ 85°C, IOUT =
2 A, VILIM_SEL = Logic High
--
73
--
m
Ω
TA = TJ = 25°C, IOUT = 2 A,
VILIM_SEL = Logic HIgh
--
73
--
m
Ω
TR
Rise Time, Output
CL = 1 μF, RL = 100 Ω,
0.7
1.0
1.6
ms
TF
Fall Time, Output
CL = 1 μF, RL = 100 Ω,
0.2
0.35
0.5
ms
RDIS
VOUT Discharge Resis-
tance
337
498
681
Ω
TDIS
Out Discharge Hold Time
--
2
--
s
IREV
Reverse leakage current
VOUT = 5.5 V, VIN = VEN = 0 V,
TJ = 25°C
--
--
2
μA
Electrical Characteristics - Input EN
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VEN
Enable pin turn on/off
threshold, falling
--
1.08
--
V
VEN_HYS
EN Hysteresis
--
2301
--
mV
Input current
VEN = 0 V or 5.5 V
-0.5
--
0.5
μA
TON
Turn On time
CL = 1 μF, RL = 100 Ω,
--
2.7
4.0
ms
TOFF
Turn Off time
CL = 1 μF, RL = 100 Ω,
--
1.7
3.0
ms
Note: 1. Typical value for reference only, not 100% tested.
Electrical Characteristics - Current Limit
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VILIM_SEL
ILIM_SEL turn on/off thresh-
old, falling
--
1.08
--
V
VILIM_HYS
ILIM_SEL Hysteresis
--
2301
--
mV
IEN
ILIM_SEL Input current
VILIM_HYS = 0 V or 5.5 V
-0.5
--
0.5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com