Electronic Components Datasheet Search
  English  ▼

X  

SLGC55545 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # SLGC55545
Description  USB Charging Port Power Switch and Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLGC55545 Datasheet(HTML) 1 Page - Dialog Semiconductor

  SLGC55545 Datasheet HTML 1Page - Dialog Semiconductor SLGC55545 Datasheet HTML 2Page - Dialog Semiconductor SLGC55545 Datasheet HTML 3Page - Dialog Semiconductor SLGC55545 Datasheet HTML 4Page - Dialog Semiconductor SLGC55545 Datasheet HTML 5Page - Dialog Semiconductor SLGC55545 Datasheet HTML 6Page - Dialog Semiconductor SLGC55545 Datasheet HTML 7Page - Dialog Semiconductor SLGC55545 Datasheet HTML 8Page - Dialog Semiconductor SLGC55545 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Silego Technology, Inc.
Rev 1.01
000-000C55545-101
Revised July 11, 2017
USB Charging Port
Power Switch and Controller
SLGC55545
Block Diagram
General Description
Silego SLGC55545 is a combination of current-limited USB
port power switch with a USB 2.0 high-speed data line
(D+/D-) switch and USB charging port identification circuit.
Applications include notebook PCs and other intelligent USB
host devices. The wide bandwidth (2.6 GHz) data-line switch
also features low capacitance and low on resistance, allowing
signals to pass with minimum edge and phase distortion. The
SLGC55545 monitors D+ and D-, providing the correct
hand-shaking protocol with compliant client devices.
Features
•
Meets Battery Charging Specification BC1.2 for DCP and
CDP
•
Meets Chinese Telecommunications Industry Standard
YD/T 1591-2009
•
Supports Non-BC 1.2 charging modes via Automatic se-
lection
- DM/DP Divider Modes 2.7V/2.0V (1A) & 2.0V/2.7V (2A)
- DM/DP 1.2V Mode
•
Compatible with USB 2.0/3.0 power switch requirements
•
73 m
Ω (typ) high side MOSFET
•
Adjustable Current Limit up to 3.0 A (typ)
•
Pb-Free / RoHS Compliant
•
Halogen-Free
•
TQFN-16 Package
•
UL Listed and CB File No. E468659
Pin Configuration
Applications
•
USB Ports/Hubs
•
Notebook PCs
•
Universal Wall Charging Adapter
16-pin TQFN
STATUS#
DP_IN
DM_IN
SLGC55545
9
11
10
1
2
3
DP_OUT
DM_OUT
VIN
GND
4
ILIM_SEL
VOUT
12
(Top View)
DP_IN
DM_IN
EN
FAULT#
DP_OUT
DM_OUT
VIN
ILIM_SEL
VOUT
Power Switch
Control
Circuitry
CTL1
Charge
Logic
CTL3
CTL2
Charging
Downstream
Port Mode BC
Divider
Mode
BC 1.2 DCP Mode
/ 1.2 V Mode
Dedicated
Sense
Host
Sense
Charge Mode
Select
Shorted/Divider
Mode Switch
High Band-
width
Switch
Auto
Discharge
Current Limit
Switch
STATUS#
Plugin
Detector
ILIM_L
ILIM_H


Similar Part No. - SLGC55545

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLGC55545V RENESAS-SLGC55545V Datasheet
605Kb / 19P
USB Charging Port Power Switch and Controller
8-Feb-2022
SLGC55545VTR RENESAS-SLGC55545VTR Datasheet
605Kb / 19P
USB Charging Port Power Switch and Controller
8-Feb-2022
More results

Similar Description - SLGC55545

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2540 TI-TPS2540 Datasheet
1,021Kb / 37P
USB Charging Port Power Switch and Controller
TPS2544RTER TI-TPS2544RTER Datasheet
1Mb / 33P
USB Charging Port Controller and Power Switch
TPS2541ARTER TI-TPS2541ARTER Datasheet
1Mb / 40P
USB Charging Port Power Switch and Controller
logo
Pericom Semiconductor C...
PI5USB2544 PERICOM-PI5USB2544 Datasheet
685Kb / 22P
USB Charging Port Controller and Detection Power Switch
logo
Dialog Semiconductor
SLGC55544C DIALOG-SLGC55544C Datasheet
381Kb / 20P
USB Charging Port Power Switch and Controller
logo
Anpec Electronics Corop...
APL3524 ANPEC-APL3524 Datasheet
354Kb / 29P
USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLG55544 RENESAS-SLG55544 Datasheet
514Kb / 20P
USB Charging Port Power Switch and Controller
Revised February 8, 2022
SLG55546 RENESAS-SLG55546 Datasheet
566Kb / 20P
USB Charging Port Power Switch and Controller
February 8, 2022
SLGC55544CV RENESAS-SLGC55544CV Datasheet
590Kb / 20P
USB Charging Port Power Switch and Controller
8-Feb-2022
SLGC55545V RENESAS-SLGC55545V Datasheet
605Kb / 19P
USB Charging Port Power Switch and Controller
8-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com