Electronic Components Datasheet Search
  English  ▼

X  

SLGC55545 Datasheet(PDF) 14 Page - Dialog Semiconductor

Part # SLGC55545
Description  USB Charging Port Power Switch and Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLGC55545 Datasheet(HTML) 14 Page - Dialog Semiconductor

Back Button SLGC55545 Datasheet HTML 10Page - Dialog Semiconductor SLGC55545 Datasheet HTML 11Page - Dialog Semiconductor SLGC55545 Datasheet HTML 12Page - Dialog Semiconductor SLGC55545 Datasheet HTML 13Page - Dialog Semiconductor SLGC55545 Datasheet HTML 14Page - Dialog Semiconductor SLGC55545 Datasheet HTML 15Page - Dialog Semiconductor SLGC55545 Datasheet HTML 16Page - Dialog Semiconductor SLGC55545 Datasheet HTML 17Page - Dialog Semiconductor SLGC55545 Datasheet HTML 18Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
000-000C55545-101
Page 14 of 20
SLGC55545
Output Discharge
To allow a charging port to renegotiate current with a portable device, SLGC55545 uses the VBUS discharge function. It proceeds
by turning off the power switch while discharging VOUT, then turning back ON the power switch to reassert the VOUT voltage.
This discharge function is automatically applied when a change at the CTLx lines results in any of the following mode transitions.
•
Any transition to and from CDP
•
Any transition to and from SDP
In addition to this, can be achieved using the mode “000”.
Overcurrent Protection
When an over-current condition is detected, the device maintains a constant output current and reduces the output voltage
accordingly. Two possible overload conditions can occur. In the first condition, the output has been shorted before the device is
enabled or before VIN has been applied.
The SLGC55545 senses the short and immediately switches into a constant-current output. In the second condition, a short or
an overload occurs while the device is enabled. At the instant the overload occurs, high currents may flow for nominally one to
two microseconds before the current-limit circuit can react. The device operates in constant-current mode after the current-limit
circuit has responded. Complete shutdown occurs only if the fault is present long enough to activate thermal limiting. The device
will remain off until the junction temperature cools approximately 10°C and will then re-start. The device will continue to cycle
on/off until the over-current condition is removed.
FAULT# Response
The FAULT# open-drain output is asserted (active low) during an over-temperature or current limit condition. The output remains
asserted until the fault condition is removed. The SLGC55545 is designed to eliminate false FAULT# reporting by using an internal
deglitch circuit for current limit conditions without the need for external circuitry. This ensures that FAULT# is not accidentally
asserted due to normal operation such as starting into a heavy capacitive load. Over-temperature conditions are not deglitched
and assert the FAULT# signal immediately.
Undervoltage Lockout (UVLO)
The undervoltage lockout (UVLO) circuit disables the power switch until the input voltage reaches the UVLO turn-on threshold.
Built-in hysteresis prevents unwanted oscillations on the output due to input voltage drop from large current surges.
Thermal Sense
The SLGC55545 protects itself with two independent thermal sensing circuits that monitor the operating temperature of the power
distribution switch and disables operation if the temperature exceeds recommended operating conditions. The device operates
in constant-current mode during an over-current condition, which increases the voltage drop across power switch. The power
dissipation in the package is proportional to the voltage drop across the power switch, so the junction temperature rises during
an over-current condition. The first thermal sensor turns off the power switch when the die temperature exceeds 135°C and the
part is in current limit. The second thermal sensor turns off the power switch when the die temperature exceeds 155°C regardless
of whether the power switch is in current limit. Hysteresis is built into both thermal sensors, and the switch turns
on after the device has cooled by approximately 10°C. The switch continues to cycle off and on until the fault is removed. The
open-drain false reporting output FAULT# is asserted (active low) during an over-temperature shutdown condition.
Power Wake
The SLGC55545 monitors charging current at the VOUT pin and provide sa mechanism via the STATUS# pin to switch out the
high power DC-DC and switch to a low power LDO when charging current requirement is < 45 mA (typ). This saves system power
in S4/S5 state while the port has no peripheral device connected. The function is specified in the truth table setting “0011”
Power Management
When a connected peripheral device request high current charge for their battery, the system may not be able to support to
enough current for every USB port. In this situation, the SLGC55545 supports a port power management function to help the
system designer to control their USB port power. STATUS# trip point is based on ILIM_L current limit value to set the point. When
a connected peripheral device requires port power charge current higher than ILIM_L+60mA 200ms then the STATUS# pin will
automatically output LOW to let system know. When the charge current is below ILIM_L+60mA 3s then STATUS# return back to
HIGH. This function works via truth table setting “0111” DCP_Auto mode and “1111” CDP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com